Electronic Components Datasheet Search
  English  ▼

X  

LD5760GS Datasheet(PDF) 16 Page - Leadtrend Technology

Part # LD5760GS
Description  High Voltage Green-Mode PWM Controller with Brown-In/Out Function
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5760GS Datasheet(HTML) 16 Page - Leadtrend Technology

Back Button LD5760GS Datasheet HTML 12Page - Leadtrend Technology LD5760GS Datasheet HTML 13Page - Leadtrend Technology LD5760GS Datasheet HTML 14Page - Leadtrend Technology LD5760GS Datasheet HTML 15Page - Leadtrend Technology LD5760GS Datasheet HTML 16Page - Leadtrend Technology LD5760GS Datasheet HTML 17Page - Leadtrend Technology LD5760GS Datasheet HTML 18Page - Leadtrend Technology LD5760GS Datasheet HTML 19Page - Leadtrend Technology LD5760GS Datasheet HTML 20Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LD5760
11/05/2015
16
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5760-DS-02 November 2015
CS
GND
LD5760
This resistor would protect the MOSFET
from being false triggered by the current
through CGD, if RG is disconnected.
OUT
Rg
R8
CGD
dt
dV
Cgd
i
bulk
VBULK
Fig. 20
Protection Resistor on the Hi-V Path
In some other Hi-V process and design, there may be a
parasitic SCR caused around HV pin, VCC and GND.
As shown in Fig. 21, a small negative spike on the HV
pin may trigger this parasitic SCR and cause latch-up
between VCC and GND.
It may damage the chip
because of the equivalent short-circuit induced by such
latch-up behavior.
Leadtrend’s proprietary of Hi-V technology will eliminate
parasitic SCR in LD5760.
Fig. 22 shows the equivalent
Hi-V structure circuit of LD5760.
So that LD5760 is
more capable to sustain negative voltage than similar
products. However, a 10K
 resistor is recommended to
add in the Hi-V path to play as a current limit resistor
as a negative voltage is applied.
VCC
GND
Other HV process with
parasitic SCR
HV
Negative-triggered Parasitic SCR.
Small negative spike on HV pin will cause
the latchup between Vcc and GND.
0V
Fig. 21
VCC
GND
Parasitic effect
between HV, Vcc and
GND
HV
Current limit resistor for
Preventing damage from
Negative voltage
(recommended)
0V
Fig. 22
Output Over Voltage Protection (CS Pin) -
Auto Recovery
An output overvoltage protection is implemented in the
LD5760, as shown in Fig. 23 and 24. The auxiliary
winding voltage is reflected to secondary winding and
therefore the flat voltage on the CS pin is proportional to
the output voltage. By sensing the auxiliary voltage via
the divided resistors, LD5760 can sample this flat
voltage level after some delay time to perform output
over-voltage protection. This delay time is used to
ignore the voltage ringing from leakage inductance of
PWM transformer. The sampling voltage level is
compared with internal threshold voltage VCSOVP. If the
sampling voltage exceeds the OVP trip level, an internal
counter starts counting subsequent OVP events. The
counter has been added to prevent incorrect OVP
detection which might occur during ESD or lightning
events. However, if typically 10 cycles of subsequent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com