Electronic Components Datasheet Search
  English  ▼

X  

LD7830GS Datasheet(PDF) 6 Page - Leadtrend Technology

Part # LD7830GS
Description  High Power Factor Flyback LED Controller with HV Start-up
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7830GS Datasheet(HTML) 6 Page - Leadtrend Technology

Back Button LD7830GS Datasheet HTML 2Page - Leadtrend Technology LD7830GS Datasheet HTML 3Page - Leadtrend Technology LD7830GS Datasheet HTML 4Page - Leadtrend Technology LD7830GS Datasheet HTML 5Page - Leadtrend Technology LD7830GS Datasheet HTML 6Page - Leadtrend Technology LD7830GS Datasheet HTML 7Page - Leadtrend Technology LD7830GS Datasheet HTML 8Page - Leadtrend Technology LD7830GS Datasheet HTML 9Page - Leadtrend Technology LD7830GS Datasheet HTML 10Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
LD7830
6
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7830-DS-01a
August 2012
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Zero Current Detector (ZCD Pin)
Upper Clamp Voltage
IDET=100A
5.0
5.6
6.0
V
Lower Clamp Voltage
IDET=-2mA
0
-0.35
V
Input Voltage Threshold
0.05
0.1
0.15
V
Hysteresis
0.05
0.15
0.2
V
Input bias current
VZCD=1V~4V, OUT=OFF
0.0
1.0
A
Programming Maximum ON-Time, Ton-max (ZCD Pin)
Programming Maximum ON-time
ZCD RZCD=6k,
4.8
5.82
6.8
s
Maximum ON-time
ZCD RZCD34k,
13.6
16
18.4
s
Minimum (ON+OFF)-Time
Minimum (ON+OFF)-Time
Fmax(250kHz),
3.2
4
4.8
s
Minimum OFF-Time
1.2
1.6
2.0
s
Gate Drive Output (OUT Pin)
Output Low Level
VCC=15V, ISINK=20mA
0
0.5
V
Output High Level
VCC=15V, ISOURCE=20mA
10
VCC
V
Output High Clamp Level
VCC=16V
13
V
Rising Time
VCC =15V, CL=1000pF
75
150
ns
Falling Time
VCC =15V, CL=1000pF
25
50
ns
Starter
Start Timer Period
100
150
200
s
Internal OTP (Over Temp. Protection)
OTP Trip level
*
140
C
OTP Hysteresis
*
30
C
*: These parameters are guaranteed by design only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com