Electronic Components Datasheet Search
  English  ▼

X  

LD7830GS Datasheet(PDF) 12 Page - Leadtrend Technology

Part # LD7830GS
Description  High Power Factor Flyback LED Controller with HV Start-up
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7830GS Datasheet(HTML) 12 Page - Leadtrend Technology

Back Button LD7830GS Datasheet HTML 8Page - Leadtrend Technology LD7830GS Datasheet HTML 9Page - Leadtrend Technology LD7830GS Datasheet HTML 10Page - Leadtrend Technology LD7830GS Datasheet HTML 11Page - Leadtrend Technology LD7830GS Datasheet HTML 12Page - Leadtrend Technology LD7830GS Datasheet HTML 13Page - Leadtrend Technology LD7830GS Datasheet HTML 14Page - Leadtrend Technology LD7830GS Datasheet HTML 15Page - Leadtrend Technology LD7830GS Datasheet HTML 16Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
LD7830
12
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7830-DS-01a
August 2012
The relation (typical) of VCS-OFF and IZCD is shown in Table
1.
IZCD (A)
VCS-OFF (V)
160
0.5
160~200
0.475
200~240
0.4625
240~290
0.45
290~350
0.425
350~390
0.4
390~450
0.375
>450
0.35
Table 1
Output Drive Stage
With typical 500mA/-800mA driving capability,
an output
stage of a CMOS buffer is incorporated to drive a power
MOSFET directly.
The output voltage is clamped at 13V
to protect the MOSFET gate even when the VCC voltage
is higher than 13V.
Current
Sensing
and
Leading-edge
Blanking
The LD7830 detects the primary MOSFET current from
the CS pin, which is for the pulse-by-pulse current limit.
The maximum voltage threshold of the current sensing
pin is set at 0.5V. From above, the MOSFET peak current
can be obtained from below.
S
)
MAX
(
PEAK
R
V
5
.
0
I
A leading-edge blanking (LEB) time is included in the
input of CS pin to prevent the false-trigger from the
current spike. In the low power application, if the total
pulse width of the turn-on spikes is less than and the
negative spike on the CS pin doesn
’t exceed -0.3V, it
could eliminated the R-C filter.
However, the total pulse width of the turn-on spike is
determined by the output power, circuit design and PCB
layout.
It is strongly recommended to adopt a smaller
R-C filter for higher power application to avoid the CS pin
being damaged by the negative turn-on spike.
Over
Load
Protection
(OLP)
-
Auto
Recovery
To protect the circuit from damage due to overload
condition or output short condition, a smart OLP function
is implemented in the LD7830 for it. The OLP function is
an auto-recovery type protection. Fig. 19 shows the
waveforms of the OLP operation.
Under such fault
condition, the feedback system will force the voltage loop
toward saturation and thus pull up the voltage of COMP
pin (VCOMP).
If the VCOMP trips the OLP threshold of
4.8V and stays for over OLP delay time, the protection will
be activated to turn off the gate output and to shut down
the switching of power circuit.
The OLP delay time is to
prevent the false-trigger during the power-on and turn-off
transient.
A divided-by-4 counter is implemented to reduce the
average
power
consumption
under
OLP
behavior.
Whenever OLP is activated, the output is latched off and
the divided-by-4 counter starts to count the number of
UVLO(off). The latch will be released if the 4nd UVLO(off)
point is counted, and then the output recovers switching
again.
By using such protection mechanism, the average input
power can be reduced to a very low level so that the
component temperature and stress can be controlled
within a safe operating area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com