Electronic Components Datasheet Search
  English  ▼

X  

LD7830GS Datasheet(PDF) 11 Page - Leadtrend Technology

Part # LD7830GS
Description  High Power Factor Flyback LED Controller with HV Start-up
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7830GS Datasheet(HTML) 11 Page - Leadtrend Technology

Back Button LD7830GS Datasheet HTML 7Page - Leadtrend Technology LD7830GS Datasheet HTML 8Page - Leadtrend Technology LD7830GS Datasheet HTML 9Page - Leadtrend Technology LD7830GS Datasheet HTML 10Page - Leadtrend Technology LD7830GS Datasheet HTML 11Page - Leadtrend Technology LD7830GS Datasheet HTML 12Page - Leadtrend Technology LD7830GS Datasheet HTML 13Page - Leadtrend Technology LD7830GS Datasheet HTML 14Page - Leadtrend Technology LD7830GS Datasheet HTML 15Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
LD7830
11
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7830-DS-01a
August 2012
IPEAK
TON
TDIS
Primary
Current
AUX
Voltage
VDS
0A
0V
0V
-nAUX/nP ∙ VIN
Delay Time
-nAUX/nS ∙VOUT
VOUT
Minimum
Voltage Turn-on
OUT
VCOMP
RAMP
ZCD
Voltage
0.1V
-nAUX/nS ∙VOUT RZ1/(RZ1+RZ2)
-0.3V-Clamp
0A
Secondary
Current
Fig. 16
Programming Maximum ON-time
LD7830 features adjustable maximum ON-time to limit
power output in abnormal operation. The selection of
maximum ON-time is subject to ZCD resistance as shown
in Fig. 17. ZCD resistance can be obtained from below:
ZCD
NVcc
RZ1
RZ2
2
Z
1
Z
2
Z
1
Z
ZCD
R
R
R
R
R
Fig. 17
The following table is a suggestion for maximum ON-time
setting.
RZCD
Max. Ton
Suggestion
(Typ.)
32k<RZCD
16
s
36k
28k<RZCD<32k
12.8
s
30k
24k<RZCD<28k
10.7
s
26k
20k<RZCD<24k
9.1
s
22k
16k<RZCD<20k
8.0
s
18k
12k<RZCD<16k
7.1
s
14k
8k<RZCD<12k
6.4
s
10k
RZCD<8k
5.8
s
6k
High/ Low Line OCP Compensation
LD7830 supports high/low line OCP compensation
through aux-winding to reflect the magnitude of input
voltage. When gate turns on, ZCD pin will source the
current IZCD to clamp the voltage to zero as shown in
Fig.18. According to this current information, OCP trigger
level VCS-OFF will be determined by RZ1 and input voltage.
In order to avoid ZCD pin over rating, IZCD must be set
less than 2mA. IZCD-max can be calculated as below:
mA
2
R
N
/
N
V
I
1
Z
VCC
P
PK
IN
MAX
ZCD
ZCD
NVcc
RZ1
RZ2
IZCD
Fig. 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com