Electronic Components Datasheet Search
  English  ▼

X  

LD7832 Datasheet(PDF) 2 Page - Leadtrend Technology

Part # LD7832
Description  High Power Factor LED Controller with HV Start-up
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7832 Datasheet(HTML) 2 Page - Leadtrend Technology

  LD7832 Datasheet HTML 1Page - Leadtrend Technology LD7832 Datasheet HTML 2Page - Leadtrend Technology LD7832 Datasheet HTML 3Page - Leadtrend Technology LD7832 Datasheet HTML 4Page - Leadtrend Technology LD7832 Datasheet HTML 5Page - Leadtrend Technology LD7832 Datasheet HTML 6Page - Leadtrend Technology LD7832 Datasheet HTML 7Page - Leadtrend Technology LD7832 Datasheet HTML 8Page - Leadtrend Technology LD7832 Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LD7832
2
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7832-DS-00 April 2013
Pin Configuration
1
8
2
3
4
5
TOP MARK
YYWWPP
6
1
8
2
3
4
5
TOP MARK
YYWWPP
6
7
SOP-7
SOP-8, DIP-8
YY:
Year code
WW:
Week code
PP:
Production code
Ordering Information
Part number
Package
Top Mark
Shipping
LD7832 GR
SOP-7
LD7832 GR
2500 /tape & reel
LD7832 GS
SOP-8
LD7832 GS
2500 /tape & reel
LD7832 GN
DIP-8
LD7832 GN
3600 /tube /Carton
The LD7832 is ROHS compliant/ green packaged.
Pin Descriptions
Pin
NAME
FUNCTION
1
ZCD
Quasi resonance detector
2
COMP
Compensation pin for internal error amplifier
3
CS
Current sense pin, connect to sense the MOSFET current for FB and
OCP.
4
GND
Ground
5
OUT
Gate signal output
6
VCC
Power supply to VCC
7
NC
No connection
8
HV
Connect this pin to the positive of main bulk cap to provide the
startup current for controller. When VCC is UVLO on, the HV loop
will open and turn off internal current source to minimize the power
loss.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com