Electronic Components Datasheet Search
  English  ▼

X  

LD7832 Datasheet(PDF) 4 Page - Leadtrend Technology

Part # LD7832
Description  High Power Factor LED Controller with HV Start-up
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7832 Datasheet(HTML) 4 Page - Leadtrend Technology

  LD7832 Datasheet HTML 1Page - Leadtrend Technology LD7832 Datasheet HTML 2Page - Leadtrend Technology LD7832 Datasheet HTML 3Page - Leadtrend Technology LD7832 Datasheet HTML 4Page - Leadtrend Technology LD7832 Datasheet HTML 5Page - Leadtrend Technology LD7832 Datasheet HTML 6Page - Leadtrend Technology LD7832 Datasheet HTML 7Page - Leadtrend Technology LD7832 Datasheet HTML 8Page - Leadtrend Technology LD7832 Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LD7832
4
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7832-DS-00 April 2013
Absolute Maximum Ratings
VCC
-0.3 ~ 30V
CS
-3 ~ 6V
ZCD
-0.3 ~ 6V
IZCD
-4 ~ 2mA
HV
-0.3 ~ 600V
COMP
-0.3 ~ 6V
OUT
-0.3 ~ 30V
Maximum Junction Temperature
150
C
Storage Temperature Range
-65
C to 150C
Package Thermal Resistance (SOP-7/SOP-8,
JA)
160
C/W
Package Thermal Resistance (DIP-8,
JA)
100
C/W
Power Dissipation (SOP-7/SOP-8)
250mW
Power Dissipation (DIP-8, at Ambient Temperature = 85
C)
400mW
Lead temperature (Soldering, 10sec)
260
C
ESD Voltage Protection, Human Body Model (except HV pin)
2.5KV
ESD Voltage Protection, Machine Model
250 V
Caution:
Stress exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stress above Recommended Operating Conditions may affect
device reliability.
Recommended Operating Conditions
Item
Min.
Max.
Unit
Vcc
13
24
V
Vcc pin capacitor
4.7
22
F
Comp pin capacitor
0.1
2.2
F
Operating Junction Temperature Range
-40
125
C
Operating Ambient Temperature Range
-40
85
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com