Electronic Components Datasheet Search
  English  ▼

X  

LD7832 Datasheet(PDF) 5 Page - Leadtrend Technology

Part # LD7832
Description  High Power Factor LED Controller with HV Start-up
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7832 Datasheet(HTML) 5 Page - Leadtrend Technology

  LD7832 Datasheet HTML 1Page - Leadtrend Technology LD7832 Datasheet HTML 2Page - Leadtrend Technology LD7832 Datasheet HTML 3Page - Leadtrend Technology LD7832 Datasheet HTML 4Page - Leadtrend Technology LD7832 Datasheet HTML 5Page - Leadtrend Technology LD7832 Datasheet HTML 6Page - Leadtrend Technology LD7832 Datasheet HTML 7Page - Leadtrend Technology LD7832 Datasheet HTML 8Page - Leadtrend Technology LD7832 Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LD7832
5
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7832-DS-00 April 2013
Electrical Characteristics
(VCC=14.0V, TA = 25
C unless otherwise specified.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
High voltage Supply(HV Pin)
High-voltage Current Source
VCC<6V , HV=80V
0.8
1
1.2
mA
6V<VCC<UVLO(ON)
2.5
3
3.5
mA
Off-state Leakage Current
VCC>UVLO(ON), HV=600V
-
-
35
A
Supply Voltage (VCC Pin)
Startup Current
VCC<UVLO(ON) @VCC=14V
-
280
350
A
Operating Current
(with 1nF Load on OUT pin)
COMP pin open, ZCD=12V
-
1.2
1.6
mA
VCC OVP tripped
-
0.4
0.6
mA
UVLO(OFF)
7.5
8
8.5
V
UVLO(ON)
16.5
17.5
18.5
V
VCC OVP Level
26
28
30
V
HV Self Bias (Linear Regulator)
12
13
14
V
De-latch VCC Voltage
PDR
6.0
6.5
7.5
V
Compensation (COMP Pin)
Open Loop Voltage
COMP pin open
5
5.5
6
V
On Time
VCOMP=2V
5
6
7
s
Current Sensing (SOURCE Pin)
Reference Voltage(VREF)
0.194
0.2
0.206
V
OCP Threshold (cycle-by-cycle)
0.9
1
1.1
V
LEB Time
(1)
-
250
-
ns
The trip level for Rs Short protection
0.05
0.08
0.1
V
Delay Counter for RsSP
-
20
-
ms
Zero Current Detector (ZCD Pin)
IZCD_OVP Threshold
180
200
220
A
Upper Clamp Voltage
ZCDIN=12V
4.9
5.3
5.7
V
Lower Clamp Voltage
ZCDIN=0V
0.2
0.3
0.4
V
Input Voltage Threshold
(1)
-
1
-
V
Hysteresis
-
0.3
-
V
IZCD_OVP Threshold at ZCD pin
VZCD_OVP=IZCD*RZCD+5.3V
180
200
220
A
The trip level for ZCD UVP
(1)
-
4.2
-
V
Delay Counter of ZCD UVP
-
20
-
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com