Electronic Components Datasheet Search
  English  ▼

X  

LD7832 Datasheet(PDF) 11 Page - Leadtrend Technology

Part # LD7832
Description  High Power Factor LED Controller with HV Start-up
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7832 Datasheet(HTML) 11 Page - Leadtrend Technology

Back Button LD7832 Datasheet HTML 7Page - Leadtrend Technology LD7832 Datasheet HTML 8Page - Leadtrend Technology LD7832 Datasheet HTML 9Page - Leadtrend Technology LD7832 Datasheet HTML 10Page - Leadtrend Technology LD7832 Datasheet HTML 11Page - Leadtrend Technology LD7832 Datasheet HTML 12Page - Leadtrend Technology LD7832 Datasheet HTML 13Page - Leadtrend Technology LD7832 Datasheet HTML 14Page - Leadtrend Technology LD7832 Datasheet HTML 15Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LD7832
11
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7832-DS-00 April 2013
ZCD
Lower Clamp
UVP Level
t
ZCD UVP
Tripped
t
OUT
Switching
Switching
Non-Switching
Inductor
Voltage
t
Upper Clamp
Vcc
t
LED Shorted
Vout
ZCD UVP
Delay Time
-Vin
UVLO(on)
UVLO(off)
VD+VRS
GND
ZCD UVP
Delay Time
CSSP
Blacking Time
4 times
Hiccup
Fig. 5
Over Current Protection (OCP)
The LD7832 detects the MOSFET current from the CS
pin, which is for the pulse-by-pulse current limit and
output
current
feedback.
The
maximum
voltage
threshold of the CS pin is set at 1.0V. From above, the
MOSFET peak current can be obtained from below.
S
)
MAX
(
PEAK
R
V
0
.
1
I
CS
Short
Protection
(CSSP)
– Auto
Recovery
In order to prevent the LED driver from damage due to
the shorted sense resistor (Rs), CS pin is built in with
CSSP protection. See Fig. 6. Once the fault condition
occurs, the CS voltage will drop to GND level
instantaneously and it will enable the protection with
CSSP delay time to avoid the false-trigger. When VCC
achieves the UVLO(on), the LD7832 will start the CSSP
blanking time to ignore CSSP function to pass the
start-up transient.
t
OUT
Switching
Switching
Non-Switching
VRS
t
Vcc
t
RS Shorted
VRS_PEAK
CSSP
Delay
Time
UVLO(on)
UVLO(off)
CSSP
Delay
Time
CSSP
Blacking
Time
CSSP
Level
CSSP
Tripped
4 times
Hiccup
Fig. 6
Over Voltage Protection (VCC OVP)
The maximum rating of the VCC pin is limited below 30V.
To prevent VCC from damage due to fault condition, the
LD7832 is implemented with OVP function on VCC pin.
As soon as the VCC voltage is over OVP threshold
voltage, the output gate drive circuit will be shutdown
simultaneously thus to stop the switching of the power
MOSFET until the next UVLO(on) arrives. The VCC
OVP function of the LD7832 is an auto-recovery
protection. The Fig. 7 shows its operation. Upon
removal of the OVP condition will resume the VCC level
and the output operation
VCC
UVLO(on)
UVLO(off)
t
OVP Tripped
t
OUT
Switching
Switching
Non-Switching
OVP Level
Fig. 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com