Electronic Components Datasheet Search
  English  ▼

X  

LD8105 Datasheet(PDF) 2 Page - Leadtrend Technology

Part # LD8105
Description  Constant Voltage and Constant Current Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD8105 Datasheet(HTML) 2 Page - Leadtrend Technology

  LD8105 Datasheet HTML 1Page - Leadtrend Technology LD8105 Datasheet HTML 2Page - Leadtrend Technology LD8105 Datasheet HTML 3Page - Leadtrend Technology LD8105 Datasheet HTML 4Page - Leadtrend Technology LD8105 Datasheet HTML 5Page - Leadtrend Technology LD8105 Datasheet HTML 6Page - Leadtrend Technology LD8105 Datasheet HTML 7Page - Leadtrend Technology LD8105 Datasheet HTML 8Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LD8105
2
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD8105-DS-00
May 2012
DC output
IREF
OUT
VSEN
VCC
GND
ISEN
LD8105
1.21V
100mV
Fig. 2
Typical Application Circuit -2
Pin Configuration
SOT-26 (TOP VIEW)
Y
:
Year code (D: 2004, E: 2005
…..)
W
:
Week code
PP
:
Production code
V05 :
LD8105
1
2
3
4
5
6
ISEN
GND
VSEN
VCC
OUT
IREF
YWV
05
pp
Ordering Information
Part number
Package
TOP MARK
Shipping
LD8105GL
SOT-26
YWV/05
3000 /tape & reel
The LD8105 is Green Packaged.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com