Electronic Components Datasheet Search
  English  ▼

X  

LD8105 Datasheet(PDF) 3 Page - Leadtrend Technology

Part # LD8105
Description  Constant Voltage and Constant Current Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD8105 Datasheet(HTML) 3 Page - Leadtrend Technology

  LD8105 Datasheet HTML 1Page - Leadtrend Technology LD8105 Datasheet HTML 2Page - Leadtrend Technology LD8105 Datasheet HTML 3Page - Leadtrend Technology LD8105 Datasheet HTML 4Page - Leadtrend Technology LD8105 Datasheet HTML 5Page - Leadtrend Technology LD8105 Datasheet HTML 6Page - Leadtrend Technology LD8105 Datasheet HTML 7Page - Leadtrend Technology LD8105 Datasheet HTML 8Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LD8105
3
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD8105-DS-00
May 2012
Pin Descriptions
PIN
NAME
FUNCTION
1
ISEN
Current sense pin. The inverting input of the current loop op amp.
2
GND
Ground.
3
VSEN
Voltage sense pin. It can sense the output voltage if connected to the mid-point
of the resistor divider.
4
IREF
The non-inverting input of the current loop op amp.
5
OUT
Common output pin of the two internal op amps.
6
VCC
Supply voltage pin. It is necessary to locate a 0.1
F bypass capacitor between
VCC and GND.
Block Diagram
IREF
OUT
VSEN
VCC
GND
ISEN
1.21V
100mV



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com