Electronic Components Datasheet Search
  English  ▼

X  

LD8105 Datasheet(PDF) 1 Page - Leadtrend Technology

Part # LD8105
Description  Constant Voltage and Constant Current Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD8105 Datasheet(HTML) 1 Page - Leadtrend Technology

  LD8105 Datasheet HTML 1Page - Leadtrend Technology LD8105 Datasheet HTML 2Page - Leadtrend Technology LD8105 Datasheet HTML 3Page - Leadtrend Technology LD8105 Datasheet HTML 4Page - Leadtrend Technology LD8105 Datasheet HTML 5Page - Leadtrend Technology LD8105 Datasheet HTML 6Page - Leadtrend Technology LD8105 Datasheet HTML 7Page - Leadtrend Technology LD8105 Datasheet HTML 8Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LD8105
5/29/2012
1
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD8105-DS-00
May 2012
Constant Voltage and Constant Current Controller
Rev. 00
General Description
The LD8105 is built-in with a high-accuracy 1.2V voltage
reference, two op-amps and a low-side current sensing
circuit in a SOT-26 package. It provides a highly
integrated solution for CV (constant voltage) and CC
(constant current) dual control. The LD8105 is capable to
operate under temperature ranging from -40°C to 105°C.
Features
Internal Precision ±1% Voltage Reference
Secondary-side Constant Voltage and Constant
Current Control
Low Quiescent consumption
Wide VCC operating range 3V to 38V
Max. 40V voltage rating
Low external component count
SOT-26 Package
Applications
LED Lighting
Typical Application
DC output
IREF
OUT
VSEN
VCC
GND
ISEN
LD8105
1.21V
100mV
Fig. 1
Typical Application Circuit -1


Similar Part No. - LD8105

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD8108A LEADTREND-LD8108A Datasheet
971Kb / 13P
AC/DC Speedy Charge??Controller for Charge 2.0 USB Interface
LD8108AGS LEADTREND-LD8108AGS Datasheet
971Kb / 13P
AC/DC Speedy Charge??Controller for Charge 2.0 USB Interface
More results

Similar Description - LD8105

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP4313 BCDSEMI-AP4313_07 Datasheet
216Kb / 12P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4305 BCDSEMI-AP4305_07 Datasheet
218Kb / 12P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Seaward Electronics Inc...
SE1052 SEAWARD-SE1052 Datasheet
288Kb / 8P
Constant Voltage and Constant Current Controller
logo
BCD Semiconductor Manuf...
AP4306 BCDSEMI-AP4306 Datasheet
705Kb / 12P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4313 BCDSEMI-AP4313_10 Datasheet
685Kb / 12P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Unisonic Technologies
UM608 UTC-UM608_15 Datasheet
221Kb / 4P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Diodes Incorporated
AP4312Q DIODES-AP4312Q Datasheet
562Kb / 11P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 4
AP4305 DIODES-AP4305 Datasheet
451Kb / 10P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 2
AP4306 DIODES-AP4306 Datasheet
369Kb / 11P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 2
AP4313 DIODES-AP4313 Datasheet
359Kb / 9P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com