Electronic Components Datasheet Search
  English  ▼

X  

LD8105 Datasheet(PDF) 5 Page - Leadtrend Technology

Part # LD8105
Description  Constant Voltage and Constant Current Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD8105 Datasheet(HTML) 5 Page - Leadtrend Technology

  LD8105 Datasheet HTML 1Page - Leadtrend Technology LD8105 Datasheet HTML 2Page - Leadtrend Technology LD8105 Datasheet HTML 3Page - Leadtrend Technology LD8105 Datasheet HTML 4Page - Leadtrend Technology LD8105 Datasheet HTML 5Page - Leadtrend Technology LD8105 Datasheet HTML 6Page - Leadtrend Technology LD8105 Datasheet HTML 7Page - Leadtrend Technology LD8105 Datasheet HTML 8Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LD8105
5
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD8105-DS-00
May 2012
Electrical Characteristics
(TA = +25C unless otherwise stated, VCC=15.0V)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage (Vcc Pin)
Supply Voltage
3
--
38
V
Quiescent Current
ISEN = IREF = 0V, OUT = open
--
--
150
μA
Voltage Control Loop (VSEN PIN)
Voltage loop reference voltage, VSEN
ISEN = IREF = 0V
1.198
1.210
1.222
V
ISEN = IREF= 0V, (TA = -20C ~125C)
1.186
--
1.234
V
Voltage Loop Input Bias Current
VSEN = 1.18V~1.24V
--
--
20
nA
Current Control Loop (IREF Pin)
Current loop reference voltage, IREF
VSEN = 1.21V
97
100
103
mV
Current Loop Input Bias Current
IREF= 90mV~110mV
--
--
20
nA
Output (Output Pin)
Output Low Level
@2mA sink current
--
200
400
mV



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com