Electronic Components Datasheet Search
  English  ▼

X  

FP133 Datasheet(PDF) 6 Page - Feeling Technology Corp.

Part # FP133
Description  Over Current Protection IC With Shunt Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP133 Datasheet(HTML) 6 Page - Feeling Technology Corp.

Back Button FP133 Datasheet HTML 2Page - Feeling Technology Corp. FP133 Datasheet HTML 3Page - Feeling Technology Corp. FP133 Datasheet HTML 4Page - Feeling Technology Corp. FP133 Datasheet HTML 5Page - Feeling Technology Corp. FP133 Datasheet HTML 6Page - Feeling Technology Corp. FP133 Datasheet HTML 7Page - Feeling Technology Corp. FP133 Datasheet HTML 8Page - Feeling Technology Corp. FP133 Datasheet HTML 9Page - Feeling Technology Corp. FP133 Datasheet HTML 10Page - Feeling Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
FP133
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.9
6/10
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Voltage Shunt Regulator Section
Reference Voltage
VREF
VKA=VREF, IKA=10mA
2.475
2.5
2.525
V
V Reference vs. Temperature
VREF
VKA=VREF, IKA=10mA
30
mV
IKA=10mA, VKA =10V~ VREF
-1.4
-2.0
Line Regulation
ΔVREF /
ΔVKA
IKA=10mA, VKA=10V~
28V
-1.0
-2.0
mV / V
Reference Current
IREF
R1=10K
Ω, R2=∞, IKA=10mA
0.5
4
μA
I Reference vs. Temperature
∆IREF
R1=10K
Ω, R2=∞, IKA=10mA,
TA=Full rang
0.4
1.2
μA
Minimum Cathode Current for
Regulation
IKA (MIN) VKA=VREF
0.1
0.5
mA
Dynamic Impedance
|ZKA|
VKA=VREF,
ΔIKA=0.1mA~15mA
Frequency < 1KHz
0.2
0.5
Ω
Total Device Section
Output Off IC Current
ICC
VCC=28V
0.8
mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com