Electronic Components Datasheet Search
  English  ▼

X  

FP133 Datasheet(PDF) 9 Page - Feeling Technology Corp.

Part # FP133
Description  Over Current Protection IC With Shunt Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP133 Datasheet(HTML) 9 Page - Feeling Technology Corp.

Back Button FP133 Datasheet HTML 2Page - Feeling Technology Corp. FP133 Datasheet HTML 3Page - Feeling Technology Corp. FP133 Datasheet HTML 4Page - Feeling Technology Corp. FP133 Datasheet HTML 5Page - Feeling Technology Corp. FP133 Datasheet HTML 6Page - Feeling Technology Corp. FP133 Datasheet HTML 7Page - Feeling Technology Corp. FP133 Datasheet HTML 8Page - Feeling Technology Corp. FP133 Datasheet HTML 9Page - Feeling Technology Corp. FP133 Datasheet HTML 10Page - Feeling Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
FP133
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.9
9/10
VOUT
RS
FP133
LOAD
Is
RG1
RG2
RL
VIN
REF
CA
FPO
CSO
VCC
GND
VIP
IF
R3
FP384x
1
2
Io
R1
R2
VAUX
Adaptor secondary Voltage Feedback / Over Loading Protection circuit
The above circuit is a simple application for AC / DC adaptor over loading protection (OCP)
function with output voltage feedback.
For example, when load current (IS) increases, the FP133 CSO voltage would increase according
to equation (2). Once the internal shutdown comparator’s inverting input, which is connected to CSO
pin, is higher than 1.25V reference, a sink current (IOUT) will flow through the photo-coupler. The
FP384x PWM IC will change the NMOS drive terminal to a minimum duty cycle current limitation for
secondary side over current protection. The primary side auxiliary voltage can no longer maintain the
FP384x power supply. The FP384x will be shutdown until AC line start-up voltage restart the PWM IC.
The FP133 voltage shunt regulator responses the output voltage change with R1 and R2. The
feedback current will flow from photo-coupler to FP133 CA pin (pin4) and generates the feedback
voltage signal to PWM IC FP384x.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com