Electronic Components Datasheet Search
  English  ▼

X  

FP133 Datasheet(PDF) 1 Page - Feeling Technology Corp.

Part # FP133
Description  Over Current Protection IC With Shunt Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP133 Datasheet(HTML) 1 Page - Feeling Technology Corp.

  FP133 Datasheet HTML 1Page - Feeling Technology Corp. FP133 Datasheet HTML 2Page - Feeling Technology Corp. FP133 Datasheet HTML 3Page - Feeling Technology Corp. FP133 Datasheet HTML 4Page - Feeling Technology Corp. FP133 Datasheet HTML 5Page - Feeling Technology Corp. FP133 Datasheet HTML 6Page - Feeling Technology Corp. FP133 Datasheet HTML 7Page - Feeling Technology Corp. FP133 Datasheet HTML 8Page - Feeling Technology Corp. FP133 Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
FP133
Over Current Protection IC With Shunt Regulator
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.9
1/10
General Description
FP133 is a main rail current detection and over current protection IC. It includes a current shunt
comparator and shutdown comparator with a precision shunt regulator like FP431.
The rail current detection gain can be adjusted with three external resistors. The regulator
output CSO pin is connected to a shutdown comparator for driving a protection circuit like a
photo-coupler to shutdown the primary side PWM IC when over current occurs.
The voltage shunt regulator has a 2.5V reference for switching power supply secondary output
voltage feedback.
FP133 can be used for OCP and output voltage feedback function with few external parts. It is
suitable for application in secondary main rail power supply of SPS or isolated fly-back DC-DC
converter.
Features
Independent Power Supply Voltage: 2.7 to 28V
Wide Operating Temperature Range: -20
℃~ +105℃
Independent Shunt and Supply Voltage
Low Input Offset Voltage
Sense Gain Adjustable
Built-in 1.25V Comparator for O.C.P
Shunt Regulator Voltage: 2.5V (1.0%)
Output Sink Current Capability up 50mA
Package: SOP-8L
Typical Application Circuit
SPS
AC Adaptor
Isolated Fly-back DC-DC Converter


Similar Part No. - FP133

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FP13025 CREE-FP13025 Datasheet
1Mb / 30P
Lisa series
logo
Ledil, Inc.
FP13025 LEDIL-FP13025 Datasheet
3Mb / 9P
~35째 wide beam.
logo
Cree, Inc
FP13026 CREE-FP13026 Datasheet
1Mb / 30P
Lisa series
logo
Ledil, Inc.
FP13026 LEDIL-FP13026 Datasheet
3Mb / 9P
~45째 wide beam.
logo
Cree, Inc
FP13028 CREE-FP13028 Datasheet
1Mb / 30P
Lisa series
More results

Similar Description - FP133

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7640 NJRC-NJU7640 Datasheet
172Kb / 10P
Step-Down switching regulator IC with Over Current Protection
logo
Feeling Technology Corp...
FP131 FEELING-FP131 Datasheet
450Kb / 11P
Over Current Protection IC
logo
Will Semiconductor Ltd.
WS3202E WILLSEMI-WS3202E Datasheet
389Kb / 7P
Over voltage and over current protection IC
WS3202K WILLSEMI-WS3202K Datasheet
197Kb / 8P
Over voltage and over current protection IC
logo
Shenzhen Huazhimei Semi...
HM9709 HMSEMI-HM9709 Datasheet
2Mb / 8P
Over Voltage and Over Current Protection IC
HM4802 HMSEMI-HM4802 Datasheet
715Kb / 5P
Over voltage and over current protection IC
HM4805 HMSEMI-HM4805 Datasheet
659Kb / 5P
Over voltage and over current protection IC
logo
Lowpower Semiconductor ...
LP5300 POWER-LP5300 Datasheet
462Kb / 7P
Over Voltage and Over Current Protection IC
LP5301 POWER-LP5301 Datasheet
645Kb / 8P
Over Voltage and Over Current Protection IC
logo
Shenzhen Huazhimei Semi...
HM4801 HMSEMI-HM4801 Datasheet
749Kb / 6P
Over voltage and over current protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com