Electronic Components Datasheet Search
  English  ▼

X  

FP133 Datasheet(PDF) 7 Page - Feeling Technology Corp.

Part # FP133
Description  Over Current Protection IC With Shunt Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP133 Datasheet(HTML) 7 Page - Feeling Technology Corp.

Back Button FP133 Datasheet HTML 2Page - Feeling Technology Corp. FP133 Datasheet HTML 3Page - Feeling Technology Corp. FP133 Datasheet HTML 4Page - Feeling Technology Corp. FP133 Datasheet HTML 5Page - Feeling Technology Corp. FP133 Datasheet HTML 6Page - Feeling Technology Corp. FP133 Datasheet HTML 7Page - Feeling Technology Corp. FP133 Datasheet HTML 8Page - Feeling Technology Corp. FP133 Datasheet HTML 9Page - Feeling Technology Corp. FP133 Datasheet HTML 10Page - Feeling Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
FP133
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.9
7/10
LOAD
RG1
RG2
RS
IS
VIN
VIP
VCC
GND
CSO
RL
VIN+VIN-
IO
1.25V
FPO
To Fault Protection
Circuits
Function Description
Current Shunt Regulator
The figure below shows the FP133 current shunt block, load current (IS) flowing from power
supply and a dropout voltage (VIN
+-V
IN
-) at the sense resistor (R
S).
Assume internal NPN transistor collector current is same as emitter current (IO) and VIP is very
close to VIN, the FP133 transfer function is:
----- (1)
In this figure, the (VIN
+-V
IN
-), is equal to I
S x RS and the current shunt output voltage (CSO) is
equal to IO x RL. The final transfer function for rail current measurement in this application is:
S
S
CSO
R
I
G
V
----- (2)
1
RG
R
G
L
----- (3)
In FP133 internal circuits, the CSO output is connected to the shutdown comparator inverting
input. When the voltage of CSO is higher than the internal reference voltage (1.25V), the FPO pin is
switching from high to low state. This signal can be used for OCP protection control.
Note:
1. The minimum operating voltages of VCC, VIP and VIN are 2.7V. If these supply voltages are
lower than 2.7V, the transfer function at current shunt output (CSO) is no correct.
2. Do not force a VIN voltage that is 15V higher than VIP. This condition would generate a leakage
current and an incorrect voltage at FP133 output.
1
RG
V
V
I
IN
IN
O



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com