Electronic Components Datasheet Search
  English  ▼

X  

AT2008 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # AT2008
Description  8 Channels ADPCM Processor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AT2008 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button AT2008 Datasheet HTML 11Page - List of Unclassifed Manufacturers AT2008 Datasheet HTML 12Page - List of Unclassifed Manufacturers AT2008 Datasheet HTML 13Page - List of Unclassifed Manufacturers AT2008 Datasheet HTML 14Page - List of Unclassifed Manufacturers AT2008 Datasheet HTML 15Page - List of Unclassifed Manufacturers AT2008 Datasheet HTML 16Page - List of Unclassifed Manufacturers AT2008 Datasheet HTML 17Page - List of Unclassifed Manufacturers AT2008 Datasheet HTML 18Page - List of Unclassifed Manufacturers AT2008 Datasheet HTML 19Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
AT2008
8 Channels ADPCM Processor
Page 19 of 19
©2001 Atelic Systems, Inc.
Package Information
D
C
B
A
E
eB
F
28 Pin SOP AT2008
Package Information
Min
Normal
Max
A
2.286
2.337
2.388
B
0.305
0.406
0.508
C
0.991
1.041
1.092
D
17.856
17.907
17.958
E
7.442
7.493
7.544
eB
10.312
10.414
10.516
F
0.635
--
--
G
1.194
1.27
1.346
Dimension in mm.
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com