Electronic Components Datasheet Search
  English  ▼

X  

AT2008 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AT2008
Description  8 Channels ADPCM Processor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AT2008 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AT2008 Datasheet HTML 1Page - List of Unclassifed Manufacturers AT2008 Datasheet HTML 2Page - List of Unclassifed Manufacturers AT2008 Datasheet HTML 3Page - List of Unclassifed Manufacturers AT2008 Datasheet HTML 4Page - List of Unclassifed Manufacturers AT2008 Datasheet HTML 5Page - List of Unclassifed Manufacturers AT2008 Datasheet HTML 6Page - List of Unclassifed Manufacturers AT2008 Datasheet HTML 7Page - List of Unclassifed Manufacturers AT2008 Datasheet HTML 8Page - List of Unclassifed Manufacturers AT2008 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
AT2008
8 Channels ADPCM Processor
Page 5 of 19
©2001 Atelic Systems, Inc.
Power
The AT2008 is powered by a 3.3 V source and draws 100 mA at full operation and < 1 mA in powerdown mode.
Initialization
There are two different classes of resets available on the AT2008 chip. For the default reset, hold the RSTZ pin low for 50 ms. This reset
will bring the chip to a functioning default state. In the default state, the following parameters are set:
1.
Pins FSY, CLKP, CLKA default to input (chip will receive these signals from external source)
2.
4 half channels of 32k
µ-law ADPCM decoder running on half channels 0-3
3.
4 half channels of 32k
µ -law ADPCM encoder running on half channels 4-7
A second type of reset involving the use of the 3-wire serial interface can also be used direct the pin I/O configurations of FSY, CLKP,
and CLKA during reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com