Electronic Components Datasheet Search
  English  ▼

X  

AT2008 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AT2008
Description  8 Channels ADPCM Processor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AT2008 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AT2008 Datasheet HTML 3Page - List of Unclassifed Manufacturers AT2008 Datasheet HTML 4Page - List of Unclassifed Manufacturers AT2008 Datasheet HTML 5Page - List of Unclassifed Manufacturers AT2008 Datasheet HTML 6Page - List of Unclassifed Manufacturers AT2008 Datasheet HTML 7Page - List of Unclassifed Manufacturers AT2008 Datasheet HTML 8Page - List of Unclassifed Manufacturers AT2008 Datasheet HTML 9Page - List of Unclassifed Manufacturers AT2008 Datasheet HTML 10Page - List of Unclassifed Manufacturers AT2008 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
AT2008
8 Channels ADPCM Processor
Page 7 of 19
©2001 Atelic Systems, Inc.
PLL Command Sequence
The PLL Command Sequence is a 3-byte command sequence that sets the operating speed of the AT2008 to be a multiple of the input
crystal Mhz.
Format of PLL Command Sequence
Byte 1
0
1
F3
F2
F1
F0
A1
A0
Byte 2
N6
N5
N4
N3
N2
N1
N0
M5
Byte 3
M4
M3
M2
M1
M0
P2
P1
P0
A[1:0] refers to the chip ID (please refer to section talking about chip ID)
N[6:0] = n,
binary number used for frequency multiplier
M[5:0] = m,
binary number used for frequency divider
P[2:0] = table
specialized frequency divider (please refer to table).
F[3:0] = Divider for CLKP & CLKA Generator. f(CLKA/CLKP) = f(XTAL) / F[3:0]
Table for P, frequency multiplier
P = 0
Bypass, PLLclk = XTALclk regardless of N, M.
P = 1
16
P = 2
8
P = 3
4
P = 4
2
P = 5
1
P = 6
No PLLclk, PLLclk = 0 Hz (chip disabled!)
P = 7
No PLLclk, PLLclk = 0 Hz (chip disabled!)
The system clock uses N, M, and P to determine the speed of the system clock using the following formula:
System Clock = (Crystal_clk * N * 4) / (M * P)
By default, the chip is set to run at 86 Mhz using a 14.3 Mhz crystal input.
MCU7byte Command Sequence
This command sequence allows the user to specify the ADPCM algorithm, I/O bit-slots. The command sequence length is variable, and is
dependent on the number of channels that are specified. The command sequence consists of a header byte, a data portion consisting of 7
bytes for every channel specified, and a footer byte. The total number of bytes in the command sequence will be 2+7N where N =
number of half channels specified.
The channels should be sorted by the user in increasing order of ‘Input Begin Bit’. All the YIN channels should be placed in sorted order
before all the XIN channels.
Below is a sample of MCU7byte command sequence for two ‘half channels’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com