Electronic Components Datasheet Search
  English  ▼

X  

RSP1-QFN Datasheet(PDF) 8 Page - RFbeam Microwave GmbH

Part # RSP1-QFN
Description  Radar Processor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

RSP1-QFN Datasheet(HTML) 8 Page - RFbeam Microwave GmbH

Back Button RSP1-QFN Datasheet HTML 4Page - RFbeam Microwave GmbH RSP1-QFN Datasheet HTML 5Page - RFbeam Microwave GmbH RSP1-QFN Datasheet HTML 6Page - RFbeam Microwave GmbH RSP1-QFN Datasheet HTML 7Page - RFbeam Microwave GmbH RSP1-QFN Datasheet HTML 8Page - RFbeam Microwave GmbH RSP1-QFN Datasheet HTML 9Page - RFbeam Microwave GmbH RSP1-QFN Datasheet HTML 10Page - RFbeam Microwave GmbH RSP1-QFN Datasheet HTML 11Page - RFbeam Microwave GmbH RSP1-QFN Datasheet HTML 12Page - RFbeam Microwave GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
RFbeam Microwave GmbH
RSP1 Radar Processor
Datasheet
6.2 I/Q Signal Processing
RSP1 supports I/Q processing by using complex FFT. I/Q Doppler signals are phase shifted by + 90° or
-90°. Those signals appear either in the real(right) plane or in the imaginary (left) plane of the FFT output.
Signal in the center is the DC offset caused by the amplifier and ADC converter and can be ignored.
(see Fig. 8).
Main advantages of using I/Q sensors compared to single channel sensors:
•
Forward / Backward movement differentiation
•
Efficient interference suppression
•
Vibration suppression
Even if directional detection is not required, I/Q processing allows significantly better immunity
suppression.
Doppler I and Q signals in Time domain at RSP1 Radar inputs:
Doppler signals in Frequency domain, processed by RSP1:
Fig. 8: FFT magnitude of forward moving and backward moving objects
© RFbeam Microwave GmbH www.rfbeam.ch
December 11, 2015
8/25
Fig. 7: I/Q signals left: approaching; right receding movement
Q signal
I signal
I signal
Q signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com