Electronic Components Datasheet Search
  English  ▼

X  

RSP1-QFN Datasheet(PDF) 23 Page - RFbeam Microwave GmbH

Part # RSP1-QFN
Description  Radar Processor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

RSP1-QFN Datasheet(HTML) 23 Page - RFbeam Microwave GmbH

Back Button RSP1-QFN Datasheet HTML 17Page - RFbeam Microwave GmbH RSP1-QFN Datasheet HTML 18Page - RFbeam Microwave GmbH RSP1-QFN Datasheet HTML 19Page - RFbeam Microwave GmbH RSP1-QFN Datasheet HTML 20Page - RFbeam Microwave GmbH RSP1-QFN Datasheet HTML 21Page - RFbeam Microwave GmbH RSP1-QFN Datasheet HTML 22Page - RFbeam Microwave GmbH RSP1-QFN Datasheet HTML 23Page - RFbeam Microwave GmbH RSP1-QFN Datasheet HTML 24Page - RFbeam Microwave GmbH RSP1-QFN Datasheet HTML 25Page - RFbeam Microwave GmbH  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
Fig. 15: Dual Amp example for K-LCx sensors. Channel Q circuit is equivalent to channel I.
RFbeam Microwave GmbH
RSP1 Radar Processor
Preliminary Datasheet
14.1.4 Dual Amp, 2 Channels
Example for speed ranges from 0.1km/h up to 250km/h. This configuration results in better S/N ratio and higher bandwidth than Single Amp solution
Bandwidth
Speed range
C6, C7 C1, C2
Op-Amp
Amp Gain
Typical Application
5Hz … 500Hz
3cm/s 3m/s
2.2uF
15nF
LMV774
72dB (A = 15'800 ) Person detection
400Hz … 12kHz 0.9 .. 270 km/h
33nF
10pF
LMP7716
72dB (A = 15'800) Car speed or detection
For Q channel, same component values apply
© RFbeam Microwave GmbH www.rfbeam.ch
23/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com