Electronic Components Datasheet Search
  English  ▼

X  

RSP1-QFN Datasheet(PDF) 16 Page - RFbeam Microwave GmbH

Part # RSP1-QFN
Description  Radar Processor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

RSP1-QFN Datasheet(HTML) 16 Page - RFbeam Microwave GmbH

Back Button RSP1-QFN Datasheet HTML 12Page - RFbeam Microwave GmbH RSP1-QFN Datasheet HTML 13Page - RFbeam Microwave GmbH RSP1-QFN Datasheet HTML 14Page - RFbeam Microwave GmbH RSP1-QFN Datasheet HTML 15Page - RFbeam Microwave GmbH RSP1-QFN Datasheet HTML 16Page - RFbeam Microwave GmbH RSP1-QFN Datasheet HTML 17Page - RFbeam Microwave GmbH RSP1-QFN Datasheet HTML 18Page - RFbeam Microwave GmbH RSP1-QFN Datasheet HTML 19Page - RFbeam Microwave GmbH RSP1-QFN Datasheet HTML 20Page - RFbeam Microwave GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
RFbeam Microwave GmbH
RSP1 Radar Processor
Datasheet
Trigger Level Table (Sensitivity)
Values from this tables are addressed by parameter A02 (Sensitivity)
Default Values:
Param A02 value
0
1
2
3
4
5
6
7
8
9
X10...X19 HEX
00DC
00BE
00A0
008C
0078
0064
003C
0028
0014
0000
Decimal
220
190
160
140
120
100
60
40
20
0
Table 11: Array Parameter X1n trigger level
FFT Filter
Up to 8 different, individual frequencies may be filtered by setting values according to the FFT frequency
resolution (called df).
Filtered frequency = Parameter X * df;
See chapter 8.4 Sampling Rate and Frequency Resolution for more details.
Parameter
X20
X21
X22
X23
X24
X25
X26
X27
Value (HEX)
0001
000A
0
0
0
0
0
0
Filter frequency @ S03 = 2
10Hz
100Hz
--
--
--
--
--
--
Table 12: Array parameter X2n filter
8.3.3 Application Parameters
Application parameters are typically accessible be the end-user. Values range from 1 ..9 i(n order to
become accessible by simple one digit entry. Exception: frequency filters A06 and A07.
More detailed description.
A01 Hold Time
Sets retriggerable output hold time. Value is is a pointer to the array parameters X00 to X09. See Table 10
A02 Sensitivity
Sets trigger threshold. Value is a pointer to the array parameters X10 to X19. See Table 11.
Used to set an approximate maximum detection range.
A03 Immunity
Sets the number of consecutive internal triggers until the detection output will be set.
This parameter therefore influences the output reaction time. See also chapter 5.3 Response time
A04 reserved
A05 direction
Defines which moving direction shall be detected. This value has only effect for I/Q sensors.
A06
A07
frequency
limits
These values build very selective frequency(=object speed) range filters. Values represent FFT bins from 1
to 127 (0x7F) in hexadecimal notation. Filters apply for both forward and backward directions.
Example:
Set output only for cars exceeding 53km/h. (with sampling rate set to 11.264kHz (parameter S03=09):
Minimum frequency (speed) A06=35 (hex) correspondig to 53 (decimal)
Maximum frequency
A07=00 (no limit)
© RFbeam Microwave GmbH www.rfbeam.ch
December 11, 2015
16/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com