Electronic Components Datasheet Search
  English  ▼

X  

RSP1-QFN Datasheet(PDF) 17 Page - RFbeam Microwave GmbH

Part # RSP1-QFN
Description  Radar Processor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

RSP1-QFN Datasheet(HTML) 17 Page - RFbeam Microwave GmbH

Back Button RSP1-QFN Datasheet HTML 13Page - RFbeam Microwave GmbH RSP1-QFN Datasheet HTML 14Page - RFbeam Microwave GmbH RSP1-QFN Datasheet HTML 15Page - RFbeam Microwave GmbH RSP1-QFN Datasheet HTML 16Page - RFbeam Microwave GmbH RSP1-QFN Datasheet HTML 17Page - RFbeam Microwave GmbH RSP1-QFN Datasheet HTML 18Page - RFbeam Microwave GmbH RSP1-QFN Datasheet HTML 19Page - RFbeam Microwave GmbH RSP1-QFN Datasheet HTML 20Page - RFbeam Microwave GmbH RSP1-QFN Datasheet HTML 21Page - RFbeam Microwave GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
RFbeam Microwave GmbH
RSP1 Radar Processor
Datasheet
8.4 Sampling Rate and Frequency Resolution
FFT frequency resolution:
Frequency resolution df depends on sampling rate fs and on FFT size FFT_N.
FFT_N = 256 (for RSP1); fs = depends on parameter S03; df = fs / FFT_N.
Example:
Parameter S03 = 2 -> sampling rate = 2*1280Hz = 2560Hz --> df = 2560Hz / 256 = 10Hz
We want also filter out very slow movements at 10Hz and
100Hz interference, typically caused by fluorescent lights in 50Hz mains.
Parameter
S03
sample rate
Hz
resolution
Hz
max. frequency
Hz
resolution
km/h
max speed
km/h
update time
ms 1)
01
1'280
5
640
0.11
14.5
200
02
2'560
10
1'280
0.23
29.1
100
03
3'840
15
1920
0.34
43.6
67
04
5'120
20
2''560
0.45
58.2
50
05
6'400
25
3'200
0.57
72.7
40
06
7'680
30
3'840
0.68
87.3
33
07
8'960
35
4'480
0.80
101.8
29
08
10'240
40
5'120
0.91
116.4
25
09
11'264
44
5'632
1.00
128.0
23
0A
22'530
88
11'265
2.00
256.0
12
Note 1): response time on host interface. Digital output depends also on params $A03 and $S02
Tabelle 13: Sampling rate - resolution - speed
9 Bootloader
RSP1 processor contains a fix programmed bootloader featuring:
•
Storing, programming and copying parameter settings (EEPROM)
•
RSP1 Firmware updating
•
Access via the Serial Debug Interface
A PC program RSP_Prog Software comes with the RSP1_Eval-Kit.
Refer to RSP1_Eval-Kit_User Manual.pdf
DO NOT TRY TO ERASE or program RSP1 processor with any different programming tool.
Bootloader will be lost and RSP updating will no longer be possible.
RFbeam will not recover erased chips.
10 RSP1 Memory Organization
Storage item
Storage location
Purpose
Programmable by
RSP_Prog
Serial interfaces
User Parameters
EEPROM
Initially a copy of default parameters.
Changable by $S and $X parameters
YES
YES
Default parameters
EEPROM
Factory default values
YES
NO
Firmware
Flash
RSP1 functionality
YES
NO
Bootloader
Flash
Used for programming flash and default
parameters
NO
NO
© RFbeam Microwave GmbH www.rfbeam.ch
December 11, 2015
17/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com