Electronic Components Datasheet Search
  English  ▼

X  

FP7151 Datasheet(PDF) 5 Page - Feeling Technology Corp.

Part # FP7151
Description  700mA LED Driver with Internal Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP7151 Datasheet(HTML) 5 Page - Feeling Technology Corp.

  FP7151 Datasheet HTML 1Page - Feeling Technology Corp. FP7151 Datasheet HTML 2Page - Feeling Technology Corp. FP7151 Datasheet HTML 3Page - Feeling Technology Corp. FP7151 Datasheet HTML 4Page - Feeling Technology Corp. FP7151 Datasheet HTML 5Page - Feeling Technology Corp. FP7151 Datasheet HTML 6Page - Feeling Technology Corp. FP7151 Datasheet HTML 7Page - Feeling Technology Corp. FP7151 Datasheet HTML 8Page - Feeling Technology Corp. FP7151 Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
FP7151
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.63
5/13
DC Electrical Characteristics V
IN=12V, TA=25℃ (unless otherwise specified)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Input voltage
VIN
7
26
V
Internal Regulator Start-up
Threshold
VSU
VIN Rising
4.8
V
Quiescent Supply Current
with Output off
IINQoff
ADJ pin Grounded
15
20
µA
Quiescent Supply Current
with Output Switching
IINQon
ADJ pin Floating
f=250kHz
400
800
µA
Mean Current Sense Threshold
Voltage (Defines LED Current
Setting Accuracy)
VSENSE
Measured on ISENSE pin
with Respect to VIN
VADJ =1.25V
95
100
105
mV
Sense Threshold Hysteresis
VSENSEHYS
±15
%
ISENSE pin Input Current
ISENSE
VSENSE =VIN -0.1
3
10
µA
Internal Reference Voltage
VREF
Measured on ADJ pin with
pin Floating
1.21
1.25
1.29
V
Temperature Coefficient of VREF △VREF / △T
50
ppm/
℃
External Control Voltage Range
on ADJ pin for Dc Brightness
Control
(1)
VADJ
0.3
2.5
V
DC Voltage on ADJ pin to Switch
Device from Active (on) State to
Quiescent (off) State
VADJoff VADJ Falling
0.15
0.2
0.25
V
DC Voltage on ADJ pin to Switch
Device from Quiescent (off) state
to Active (on) State
VADJon VADJ Rising
0.2
0.25
0.3
V
Resistance Between ADJ pin and
VREF
RADJ
135
250
k
Ω
Continuous LX Switch Current
ILXmean
0.7
A
LX Switch ‘On’ Resistance
RLX
0.7
0.9
Ω
LX Switch Leakage Current
ILX (leak)
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com