Electronic Components Datasheet Search
  English  ▼

X  

FP7151 Datasheet(PDF) 10 Page - Feeling Technology Corp.

Part # FP7151
Description  700mA LED Driver with Internal Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP7151 Datasheet(HTML) 10 Page - Feeling Technology Corp.

Back Button FP7151 Datasheet HTML 5Page - Feeling Technology Corp. FP7151 Datasheet HTML 6Page - Feeling Technology Corp. FP7151 Datasheet HTML 7Page - Feeling Technology Corp. FP7151 Datasheet HTML 8Page - Feeling Technology Corp. FP7151 Datasheet HTML 9Page - Feeling Technology Corp. FP7151 Datasheet HTML 10Page - Feeling Technology Corp. FP7151 Datasheet HTML 11Page - Feeling Technology Corp. FP7151 Datasheet HTML 12Page - Feeling Technology Corp. FP7151 Datasheet HTML 13Page - Feeling Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
FP7151
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.63
10/13
Inductor selection
Recommended inductor values for the FP7151 are in the range 47uH to 100uH. Higher values
of inductance are recommended at higher supply voltages in order to minimize errors due to switching
delays, which result in increased ripple and lower efficiency. Higher values of inductance also result in
a smaller change in output current over the supply voltage range. The inductor should be mounted as
close to the device as possible with low resistance connections to the LX and VIN pins. The chosen coil
should have a saturation current higher than the peak output current and a continuous current rating
above the required mean output current.
DC Dimming
IOUTDC= 0.08*VADJ/RS [for 0.3< VADJ <2.5V]. The ADJ pin can be driven by an external DC
voltage (VADJ), to adjust the output current to a value below the nominal average value defined by RS.
The LED current decreases linearly with the VADJ when 0.3V ≤ VADJ ≤ 2.5V, RS must be increased in
proportion to prevent IOUTDC exceeding 700mA maximum. When the VADJ falls below the threshold, 0.2V,
the output switch is turned off which allows PWM dimming.
PWM Dimming
A Pulse Width Modulated (PWM) signal with duty cycle DPWM can be applied to the ADJ pin,
The PWM signal is recommended above 50kHz.As shown below, to adjust the output current to a value
above or below the nominal average value set by resistor RS:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com