Electronic Components Datasheet Search
  English  ▼

X  

FP7151 Datasheet(PDF) 1 Page - Feeling Technology Corp.

Part # FP7151
Description  700mA LED Driver with Internal Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP7151 Datasheet(HTML) 1 Page - Feeling Technology Corp.

  FP7151 Datasheet HTML 1Page - Feeling Technology Corp. FP7151 Datasheet HTML 2Page - Feeling Technology Corp. FP7151 Datasheet HTML 3Page - Feeling Technology Corp. FP7151 Datasheet HTML 4Page - Feeling Technology Corp. FP7151 Datasheet HTML 5Page - Feeling Technology Corp. FP7151 Datasheet HTML 6Page - Feeling Technology Corp. FP7151 Datasheet HTML 7Page - Feeling Technology Corp. FP7151 Datasheet HTML 8Page - Feeling Technology Corp. FP7151 Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
FP7151
700mA LED Driver with Internal Switch
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.63
1/13
General Description
The FP7151 is a continuous mode inductive step down converter. It can driving single or multiple
series connected LEDs. The FP7151 includes the output switch and a high-side output current sensing
circuit, which use an external resistor to set the average output current. Output current can also be
adjusted by applying an external signal to the ‘ADJ’ pin. The ADJ pin will accept either a DC voltage or
a PWM waveform. The PWM filter components are contained within the chip. Applying a voltage under
0.2V to the ADJ pin will turn off the output.
The FP7151 is available in the SOT23-5L package and provides space-saving PCB for the
application fields.
Features
700mA Output Current
Internal 0.7
Ω 26V Power MOSFET Switch
Wide 7 to 26V Operating Input Range
20μA Shutdown Mode Current
Typical 4% Output Current Accuracy
Signal pin ON / OFF and Brightness Control
Adjustable Soft-Start
Up to 95% Efficiency
Up to 1MHz Switching Frequency
Internal Dimming Filter
Package: SOT23-5L
Applications
Low Voltage Halogen replacement LEDs
LED back-up lighting
Typical Application Circuit


Similar Part No. - FP7151

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FP7152 FEELING-FP7152 Datasheet
338Kb / 14P
1A LED Driver with Internal Switch
FP7152AR-G1 FEELING-FP7152AR-G1 Datasheet
338Kb / 14P
1A LED Driver with Internal Switch
More results

Similar Description - FP7151

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLD1350 ZETEX-ZXLD1350 Datasheet
116Kb / 2P
350mA LED driver with internal switch
ZXLD1362 ZETEX-ZXLD1362 Datasheet
866Kb / 32P
1A LED driver with internal switch
logo
Integrated Silicon Solu...
IS31LT3350 ISSI-IS31LT3350 Datasheet
421Kb / 12P
40V LED DRIVER WITH INTERNAL SWITCH
logo
Diodes Incorporated
PAM2863 DIODES-PAM2863 Datasheet
402Kb / 11P
2A LED DRIVER with INTERNAL SWITCH
Rev 1
logo
Tontek Design Technolog...
TTP932 TONTEK-TTP932 Datasheet
911Kb / 21P
1A LED Driver with internal switch
TTP933 TONTEK-TTP933 Datasheet
1Mb / 25P
1.5A LED Driver with internal switch
logo
Integrated Device Techn...
ZLED7000 IDT-ZLED7000 Datasheet
564Kb / 18P
40V LED Driver with Internal Switch
logo
Unisonic Technologies
L4075 UTC-L4075_18 Datasheet
188Kb / 5P
40V LED DRIVER WITH INTERNAL SWITCH
logo
Feeling Technology Corp...
FP7152 FEELING-FP7152 Datasheet
338Kb / 14P
1A LED Driver with Internal Switch
logo
Maxic Technology Corpor...
MT7201C MAXIC-MT7201C Datasheet
81Kb / 1P
1A LED driver with internal switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com