Electronic Components Datasheet Search
  English  ▼

X  

FP7151 Datasheet(PDF) 6 Page - Feeling Technology Corp.

Part # FP7151
Description  700mA LED Driver with Internal Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP7151 Datasheet(HTML) 6 Page - Feeling Technology Corp.

Back Button FP7151 Datasheet HTML 2Page - Feeling Technology Corp. FP7151 Datasheet HTML 3Page - Feeling Technology Corp. FP7151 Datasheet HTML 4Page - Feeling Technology Corp. FP7151 Datasheet HTML 5Page - Feeling Technology Corp. FP7151 Datasheet HTML 6Page - Feeling Technology Corp. FP7151 Datasheet HTML 7Page - Feeling Technology Corp. FP7151 Datasheet HTML 8Page - Feeling Technology Corp. FP7151 Datasheet HTML 9Page - Feeling Technology Corp. FP7151 Datasheet HTML 10Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
FP7151
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.63
6/13
DC Electrical Characteristics (Cont.) V
IN=12V, TA=25℃ (unless otherwise specified)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Duty cycle range of PWM signal
applied to ADJ pin during low
frequency PWM dimming mode
DPWM (LF)
PWM frequency <500Hz
PWM amplitude= VREF
Measured on ADJ pin
0.01
1
Brightness Control Range
100:1
Duty cycle range of PWM signal
applied to ADJ pin during high
frequency PWM dimming mode
DPWM (HF)
PWM frequency >10kHz
PWM amplitude= VREF
Measured on ADJ pin
0.16
1
Brightness Control Range
5 :1
Soft Start Time
TSS
Time taken for output
current to reach 90% of
final Value after voltage on
ADJ pin has risen above
0.3V
500
µs
Operating Frequency
(See Graphs for more Detail)
fLX
ADJ pin floating
L=100μH (0.82Ω)
IOUT=700mA @ VLED=3.4V
Driving 1 LED
250
KHz
Minimum Switch ‘ON’ Time
TONmin LX switch ‘ON’
200
ns
Minimum Switch ‘OFF’ Time
TOFFmin LX switch ‘OFF’
200
ns
Recommended Maximum
Operating
Frequency
fLXmax
1
MHz
Recommended Duty Cycle
Range of
Output Switch at fLXmax
DLX
0.3
0.7
Internal Comparator Propagation
Delay
TPD
50
ns
Notes:
1. 100% brightness corresponds to VADJ = VADJ (nom) = VREF. Driving the ADJ pin above VREF will increase the
VSENSE threshold and output current proportionally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com