Electronic Components Datasheet Search
  English  ▼

X  

FP7152 Datasheet(PDF) 7 Page - Feeling Technology Corp.

Part # FP7152
Description  1A LED Driver with Internal Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP7152 Datasheet(HTML) 7 Page - Feeling Technology Corp.

Back Button FP7152 Datasheet HTML 3Page - Feeling Technology Corp. FP7152 Datasheet HTML 4Page - Feeling Technology Corp. FP7152 Datasheet HTML 5Page - Feeling Technology Corp. FP7152 Datasheet HTML 6Page - Feeling Technology Corp. FP7152 Datasheet HTML 7Page - Feeling Technology Corp. FP7152 Datasheet HTML 8Page - Feeling Technology Corp. FP7152 Datasheet HTML 9Page - Feeling Technology Corp. FP7152 Datasheet HTML 10Page - Feeling Technology Corp. FP7152 Datasheet HTML 11Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
FP7152
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.64
7/14
Typical Operating Characteristics
(VCC=12V,Single LED,TA= 25°C,L=100uH, unless otherwise noted)
Input Voltage vs. Vsense Voltage
94
96
98
100
102
5
10
1520
2530
Input Voltage(V)
Input Voltage vs. Vsense Voltage
-2
-1
0
1
2
3
4
5
5
1015
202530
Input Voltage(V)
Input Voltage vs. ILED
0.9
0.92
0.94
0.96
0.98
1
1.02
5
1015
20
2530
Input Voltage(V)
Temperature vs. ILED
0.8
0.85
0.9
0.95
1
1.05
1.1
-40
-20
0
2040
6080
Temperature(℃)
Vadj vs. ILED
L=47uH , Rs=0.22ohm
0
100
200
300
400
500
600
700
800
900
1000
00.511.522.5
3
Vadj(V)
Set Curremt
Actual Current
Vadj vs. ILED
L=100uH , Rs=0.22ohm
0
100
200
300
400
500
600
700
800
900
1000
00.5
11.5
22.5
3
Vadj(V)
Set Current
Actual Current
Vadj vs. Vsense ERR
-20
-15
-10
-5
0
5
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
4
Vadj(V)
Rs vs. ILED
0
0.2
0.4
0.6
0.8
1
1.2
0.10.2
0.30.4
0.50.6
0.70.8
0.9
1
RS(Ω)
ILED=1A
Suggestion: 0.3V≤Vadj≤2.5V
L=47uH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com