Electronic Components Datasheet Search
  English  ▼

X  

FP7152 Datasheet(PDF) 10 Page - Feeling Technology Corp.

Part # FP7152
Description  1A LED Driver with Internal Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP7152 Datasheet(HTML) 10 Page - Feeling Technology Corp.

Back Button FP7152 Datasheet HTML 6Page - Feeling Technology Corp. FP7152 Datasheet HTML 7Page - Feeling Technology Corp. FP7152 Datasheet HTML 8Page - Feeling Technology Corp. FP7152 Datasheet HTML 9Page - Feeling Technology Corp. FP7152 Datasheet HTML 10Page - Feeling Technology Corp. FP7152 Datasheet HTML 11Page - Feeling Technology Corp. FP7152 Datasheet HTML 12Page - Feeling Technology Corp. FP7152 Datasheet HTML 13Page - Feeling Technology Corp. FP7152 Datasheet HTML 14Page - Feeling Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
FP7152
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.64
10/14
Application Information
Setting the LED Current
The LED current is identical and set by the current setting resistor between the VIN pin and ISENSE
pin. To set the LED current according to the following equation:
RS
0.1
=
ILED
For RS=0.33Ω, the LED current is set to 300mA
Shutdown Mode
Taking the ADJ pin to a voltage below 0.2V will turn off the output and the supply current will fall
to a low standby level of 15μA nominal.
Soft Start
The voltage on the ADJ pin is the inductor current reference. An external capacitor connected
between the ADJ pin and ground provides a soft-start delay. When VIN starts, internal voltage source
charges the capacitor from 0V to 1.25V to fulfill soft-start function.
Capacitor selection
A low ESR capacitor should be used for input decoupling. The ESR of this capacitor appears in
series with the supply source impedance and lowers overall efficiency. This capacitor has to supply the
relatively high peak current to the coil and smooth the current ripple on the input supply. A minimum
value of 4.7uF is acceptable if the input source is close to the device, but higher values will improve
performance at lower input voltages, especially when the source impedance is high. The input
capacitor should be placed as close to the IC as possible.
For maximum stability over temperature and voltage, capacitors with X7R, X5R, or better
dielectric are recommended. Capacitors with Y5V dielectric are not suitable for decoupling in this
application and should not be used.
Reducing output ripple
Peak to peak ripple current in the LED(s) can be reduced, if required, by shunting a capacitor
CLED across the LED(s)
Inductor selection
Recommended inductor values for the FP7152 are in the range of 47uH to 100uH. Higher



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com