Electronic Components Datasheet Search
  English  ▼

X  

FP7152 Datasheet(PDF) 1 Page - Feeling Technology Corp.

Part # FP7152
Description  1A LED Driver with Internal Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP7152 Datasheet(HTML) 1 Page - Feeling Technology Corp.

  FP7152 Datasheet HTML 1Page - Feeling Technology Corp. FP7152 Datasheet HTML 2Page - Feeling Technology Corp. FP7152 Datasheet HTML 3Page - Feeling Technology Corp. FP7152 Datasheet HTML 4Page - Feeling Technology Corp. FP7152 Datasheet HTML 5Page - Feeling Technology Corp. FP7152 Datasheet HTML 6Page - Feeling Technology Corp. FP7152 Datasheet HTML 7Page - Feeling Technology Corp. FP7152 Datasheet HTML 8Page - Feeling Technology Corp. FP7152 Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
FP7152
1A LED Driver with Internal Switch
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.64
1/14
General Description
The FP7152 is a continuous current mode inductive step down converter. It can drive single or
multiple series connected LEDs. The FP7152 includes the output switch and a high-side output current
sensing circuit, which use an external resistor to set the average output current. Output current can
also be adjusted by applying an external signal to the ‘ADJ’ pin. The ADJ pin accept either a DC
voltage or a PWM dimming waveform. The PWM dimming filter components are contained within the
chip. Applying a voltage under 0.2V to the ADJ pin will turn off the output.
The FP7152 is available in the SOT89-5L package, Its space-saving footprint occupys small PCB
area for miscellaneous application fields.
Features
1A Output Current
Internal 0.5
Ω 26V Power MOSFET Switch
Wide 7 to 26V Operating Input Range
20μA Shutdown Mode Current
Typical 4% Output Current Accuracy
Signal pin ON / OFF and Brightness Control
Adjustable Soft-Start
Up to 95% Efficiency
Up to 1MHz Switching Frequency
Internal Dimming Filter
Package: SOT89-5L
Applications
Low Voltage Halogen replacement LEDs
LED back-up lighting
Typical Application Circuit
RS
FP7152
LX
ISENSE
VIN
ADJ
GND
VIN
CIN
SD
L


Similar Part No. - FP7152

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FP7151 FEELING-FP7151 Datasheet
384Kb / 13P
700mA LED Driver with Internal Switch
FP7151KR-G1 FEELING-FP7151KR-G1 Datasheet
384Kb / 13P
700mA LED Driver with Internal Switch
More results

Similar Description - FP7152

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLD1360 ZETEX-ZXLD1360 Datasheet
716Kb / 28P
1A LED driver with internal switch
ZXLD1362 ZETEX-ZXLD1362 Datasheet
866Kb / 32P
1A LED driver with internal switch
logo
Diodes Incorporated
ZXLD1366 DIODES-ZXLD1366 Datasheet
1Mb / 32P
High accuracy 1A, 60V LED driver with internal switch
ZXLD1366 DIODES-ZXLD1366_10 Datasheet
402Kb / 32P
HIGH ACCURACY 1A, 60V LED DRIVER WITH INTERNAL SWITCH
Rev 5
PAM2861 DIODES-PAM2861 Datasheet
346Kb / 12P
1A LED DRIVER WITH INTERNAL SWITCH
Rev 1
logo
Integrated Silicon Solu...
IS31LT3353 ISSI-IS31LT3353 Datasheet
409Kb / 15P
40V/1A BUCK LED DRIVER WITH INTERNAL SWITCH
logo
Tontek Design Technolog...
TTP932 TONTEK-TTP932 Datasheet
911Kb / 21P
1A LED Driver with internal switch
logo
E-CMOS Corporation
EC4304 E-CMOS-EC4304 Datasheet
600Kb / 13P
1A, Hysteretic, High Brightness LED Driver with Internal Switch
logo
Maxic Technology Corpor...
MT7201C MAXIC-MT7201C Datasheet
81Kb / 1P
1A LED driver with internal switch
logo
List of Unclassifed Man...
CL6807 ETC1-CL6807 Datasheet
191Kb / 8P
30V 1A LED driver with internal switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com