Electronic Components Datasheet Search
  English  ▼

X  

FP7152 Datasheet(PDF) 8 Page - Feeling Technology Corp.

Part # FP7152
Description  1A LED Driver with Internal Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP7152 Datasheet(HTML) 8 Page - Feeling Technology Corp.

Back Button FP7152 Datasheet HTML 4Page - Feeling Technology Corp. FP7152 Datasheet HTML 5Page - Feeling Technology Corp. FP7152 Datasheet HTML 6Page - Feeling Technology Corp. FP7152 Datasheet HTML 7Page - Feeling Technology Corp. FP7152 Datasheet HTML 8Page - Feeling Technology Corp. FP7152 Datasheet HTML 9Page - Feeling Technology Corp. FP7152 Datasheet HTML 10Page - Feeling Technology Corp. FP7152 Datasheet HTML 11Page - Feeling Technology Corp. FP7152 Datasheet HTML 12Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
FP7152
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.64
8/14
Function Description
Operation
The FP7152 is a continuous mode inductive step-down converter that is easy to be configured in
varies applications ranging from 7V~26V input. The converter employs a high side current sensing
resistor RS to detect and regulate the LED current. The voltage across the current sensing resistor is
kept measured and regulated in 100mV±15mV range.
The internal 1.25V reference voltage is utilized to provide a 0.25V reference for enabling the part
and a 1.25V pulling-up voltage as current reference voltage. When VADJ>0.25V the output of the
comparator becomes high and the other blocks are enabled.
When input voltage VIN is first applied, the initial current in L1 and RS is zero and there is no
output from the current sense circuit. Under this condition, the output of comparator is high. This turns
on an internal switch and switches the SW pin low, causing current to flow from VIN to ground, via RS,
L1 and the LED(s). The current rises at a rate determined by VIN and L1 to produce a voltage ramp
across RS. When (VIN - VSENSE) > 115mV, the output of the comparator switches low and turns the LX
pin output to high impedance state. Then the current flowing on the RS decreases at another rate.
When (VIN- VSENSE) < 85mV, the LX switch turns on again and the mean current on the LED is
100mV/RS.
Adjusting output current
The device contains a low pass filter between the ADJ pin and the threshold comparator. An internal
current limiting resistor (250k nom.) is placed between ADJ and the internal reference voltage. This
allows the ADJ pin to be overdriven with either DC or pulse signals to change the VSENSE switching
threshold and adjust the output current.
Output Shutdown
The output of the low pass filter drives the shutdown circuit. When the input voltage to this circuit
falls below the threshold (0.2V nom.), the internal regulator and the output switch are turned off. The
voltage reference remains powered during shutdown to provide the bias current for the shutdown
circuit. Quiescent supply current during shutdown is nominally 15uA and switch leakage is below 1uA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com