Electronic Components Datasheet Search
  English  ▼

X  

FP7176 Datasheet(PDF) 5 Page - Feeling Technology Corp.

Part # FP7176
Description  LED Driver with Average-Mode Constant Current Control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP7176 Datasheet(HTML) 5 Page - Feeling Technology Corp.

  FP7176 Datasheet HTML 1Page - Feeling Technology Corp. FP7176 Datasheet HTML 2Page - Feeling Technology Corp. FP7176 Datasheet HTML 3Page - Feeling Technology Corp. FP7176 Datasheet HTML 4Page - Feeling Technology Corp. FP7176 Datasheet HTML 5Page - Feeling Technology Corp. FP7176 Datasheet HTML 6Page - Feeling Technology Corp. FP7176 Datasheet HTML 7Page - Feeling Technology Corp. FP7176 Datasheet HTML 8Page - Feeling Technology Corp. FP7176 Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
FP7176
This datasheet contains new product information.
Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.64
5/14
Recommended Operating Conditions
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Supply Voltage
VIN
8
450
V
Ambient Operating Temperature
-25
+85
°C
Junction Operating Temperature
-25
+125
°C
DC Electrical Characteristics (V
IN=12V,TA = 25°C, unless otherwise noted)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Internal Regulator
Internally regulated voltage
VDD
VIN = 8V, IDD(ext)= 0, 500pF at
GATE; RT = 226k
Ω, PWMD =
VDD
7.25
7.5
7.75
V
Line regulation of VDD
ΔVDD,line
VIN = 8
– 450V, IDD(ext)=0,
500pF at GATE; RT = 226kΩ,
PWMD = VDD
0
-
1.0
V
Load regulation of VDD
ΔVDD,load
IDD(ext) = 0 – 0.6mA, 500pF at
GATE; RT = 226kΩ, PWMD =
VDD
0
100
mV
VDD undervoltage lockout
threshold
UVLO
VDD rising
5.75
6
6.25
V
VDD undervoltage lockout
hysteresis
ΔUVLO VDD falling
500
mV
Maximum input current
IIN,MAX
VIN = 8V, IDD(ext)= 0, 500pF at
GATE; RT = 226kΩ, PWMD =
VDD
0.8
mA
PWM Dimming
Pin PWMD input low voltage
VEN(lo)
VIN = 8 - 450V
0.9
V
Pin PWMD input high voltage
VEN(hi)
VIN = 8 - 450V
1.8
V
Average Current Sense Logic
Current sense reference voltage
VCS
269
285
mV
LD-to-CS voltage ratio
AV(LD)
0.182
0.188
LD-to-CS voltage offset
AVLD
(OFFSET)
Offset = VCS – AV(LD)‧VLD
VLD=1.2V
0
15
mV
CS threshold temp regulation
5
mV
LD input voltage, shutdown
VLD(OFF)
150
mV
LD input voltage, enable
△ VLD(OFF)
200
mV
Current sense blanking interval
TBLANK
150
320
ns
Minimum on-time
TON(min)
CS=VCS + 30mV
1000
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com