Electronic Components Datasheet Search
  English  ▼

X  

FP7176 Datasheet(PDF) 8 Page - Feeling Technology Corp.

Part # FP7176
Description  LED Driver with Average-Mode Constant Current Control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP7176 Datasheet(HTML) 8 Page - Feeling Technology Corp.

Back Button FP7176 Datasheet HTML 4Page - Feeling Technology Corp. FP7176 Datasheet HTML 5Page - Feeling Technology Corp. FP7176 Datasheet HTML 6Page - Feeling Technology Corp. FP7176 Datasheet HTML 7Page - Feeling Technology Corp. FP7176 Datasheet HTML 8Page - Feeling Technology Corp. FP7176 Datasheet HTML 9Page - Feeling Technology Corp. FP7176 Datasheet HTML 10Page - Feeling Technology Corp. FP7176 Datasheet HTML 11Page - Feeling Technology Corp. FP7176 Datasheet HTML 12Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
FP7176
This datasheet contains new product information.
Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.64
8/14
OFF Timer
The timing resistor connected to RT determines the off-time of the gate driver, and it must be
wired to GND. The equation governing the off-time of the GATE output is given by:
3
.
0
+
25
)
(k
Ω
R
s)=
μ
(
T
T
OFF
within the range of 30k
Ω≦RT(kΩ)≦1MΩ
Average Current Control
The LED current is detected using a sense resistor at the CS pin. The feedback operates in a fast
open-loop mode. No compensation is required. When the voltage at the LD input VLD ≥ 1.5V, output
current is programmed simply as:
)
Ω
(
R
V
277
.
0
=
)
A
(
I
CS
LED
Otherwise:
)
Ω
(
R
185
.
0
×
)
V
(
V
=
)
A
(
I
CS
LD
LED
CS
LED
Current
Average Current =
0.277V
RCS
0.277V
t
t
The above equations are only valid for continuous conduction of the output inductor. It is a good
practice to design the inductor such that the switching ripple current in it is 30~40% of its average
peak-to-peak, full load, DC current. Hence, the recommended inductance can be calculated as:
LED
OFF
)
MAX
(
LED
I
×
4
.
0
T
×
V
L=
GATE Output
The GATE output of the FP7176 is used to drive an external MOSFET. It is recommended that
the gate charge QG of the external MOSFET be less than 25nC for switching frequencies ≤100kHz and
less than 15nC for switching frequencies >100kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com