Electronic Components Datasheet Search
  English  ▼

X  

FP7176 Datasheet(PDF) 1 Page - Feeling Technology Corp.

Part # FP7176
Description  LED Driver with Average-Mode Constant Current Control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP7176 Datasheet(HTML) 1 Page - Feeling Technology Corp.

  FP7176 Datasheet HTML 1Page - Feeling Technology Corp. FP7176 Datasheet HTML 2Page - Feeling Technology Corp. FP7176 Datasheet HTML 3Page - Feeling Technology Corp. FP7176 Datasheet HTML 4Page - Feeling Technology Corp. FP7176 Datasheet HTML 5Page - Feeling Technology Corp. FP7176 Datasheet HTML 6Page - Feeling Technology Corp. FP7176 Datasheet HTML 7Page - Feeling Technology Corp. FP7176 Datasheet HTML 8Page - Feeling Technology Corp. FP7176 Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
FP7176
LED Driver with Average-Mode Constant Current Control
This datasheet contains new product information.
Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.64
1/14
General Description
The FP7176 is an average current mode control LED driver IC operating in a constant off-time
mode. FP7176 does not produce a peak-to-average error, and therefore greatly improves accuracy,
line and load regulation of the LED current without any need for loop compensation or high-side
current sensing. The output LED current accuracy is ±2%.
The FP7176 can be powered from an 8.0 - 450V supply. A PWM dimming input is provided that
accepts an external control TTL compatible signal. The output current can be programmed by an
internal 277mV reference, or controlled externally through a 0 - 1.5V dimming input.
Features
 Fast average current control
 Internal 8 to 450V linear regulator
 Programmable constant off-time switching
 Linear and PWM dimming capability
 Output short circuit protection with skip mode
 Requires few external components for operation
Applications
 DC/DC or AC/DC LED driver applications
 LED street lighting
 Back lighting of flat panel displays
 General purpose constant current source
 Signage and decorative LED lighting
 Chargers
Typical Application Circuit
PWMD
VDD
LD
RT
VIN
CS
GND
GATE
FP7176
Linear
Dimming
PWM
Dimming
VIN
LED
Load


Similar Part No. - FP7176

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
FP7170 APITECH-FP7170 Datasheet
70Kb / 1P
RF AMPLIFIER MODEL
logo
Feeling Technology Corp...
FP7175 FEELING-FP7175 Datasheet
404Kb / 14P
LED Driver with Average-Mode Constant Current Control
FP7175LR-G1 FEELING-FP7175LR-G1 Datasheet
404Kb / 14P
LED Driver with Average-Mode Constant Current Control
FP7179 FEELING-FP7179 Datasheet
426Kb / 14P
LED Driver with Average-Mode Constant Current Control
FP7179LR-G1 FEELING-FP7179LR-G1 Datasheet
426Kb / 14P
LED Driver with Average-Mode Constant Current Control
More results

Similar Description - FP7176

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9861A SUTEX-HV9861A Datasheet
865Kb / 9P
LED Driver with Average-Mode, Constant Current Control
HV9961LG-G SUTEX-HV9961LG-G Datasheet
1Mb / 9P
LED Driver with Average-Mode Constant Current Control
HV9961NG-G SUTEX-HV9961NG-G Datasheet
1Mb / 9P
LED Driver with Average-Mode Constant Current Control
logo
Microchip Technology
HV9861A MICROCHIP-HV9861A Datasheet
851Kb / 15P
LED Driver with Average-Mode Constant Current Control
03/25/14
logo
Feeling Technology Corp...
FP7175 FEELING-FP7175 Datasheet
404Kb / 14P
LED Driver with Average-Mode Constant Current Control
FP7179 FEELING-FP7179 Datasheet
426Kb / 14P
LED Driver with Average-Mode Constant Current Control
FP7189 FEELING-FP7189 Datasheet
410Kb / 13P
LED Driver with Average-Mode Constant Current Control
logo
First Silicon Co., Ltd
FC9961 FS-FC9961 Datasheet
365Kb / 7P
LED Driver with Average-Mode Constant Current Control
FC9961C FS-FC9961C Datasheet
334Kb / 7P
LED Driver with Average-Mode Constant Current Control
logo
Microchip Technology
HV9961 MICROCHIP-HV9961 Datasheet
732Kb / 20P
LED Driver with Average-Current Mode Constant-Current Control
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com