Electronic Components Datasheet Search
  English  ▼

X  

FP7176 Datasheet(PDF) 7 Page - Feeling Technology Corp.

Part # FP7176
Description  LED Driver with Average-Mode Constant Current Control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP7176 Datasheet(HTML) 7 Page - Feeling Technology Corp.

Back Button FP7176 Datasheet HTML 3Page - Feeling Technology Corp. FP7176 Datasheet HTML 4Page - Feeling Technology Corp. FP7176 Datasheet HTML 5Page - Feeling Technology Corp. FP7176 Datasheet HTML 6Page - Feeling Technology Corp. FP7176 Datasheet HTML 7Page - Feeling Technology Corp. FP7176 Datasheet HTML 8Page - Feeling Technology Corp. FP7176 Datasheet HTML 9Page - Feeling Technology Corp. FP7176 Datasheet HTML 10Page - Feeling Technology Corp. FP7176 Datasheet HTML 11Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
FP7176
This datasheet contains new product information.
Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.64
7/14
Function Description
Input Voltage Regulator
The FP7176 can be powered directly from its VIN pin and can work from 8.5 - 450VDC at its VIN
pin. When a voltage is applied at the VIN pin, the FP7176 maintains a constant 7.5V at the VDD pin.
This voltage is used to power the IC and any external resistor dividers needed to control the IC. The
VDD pin must be bypassed by a low ESR capacitor to provide a low impedance path for the high
frequency current of the output GATE driver.
The FP7176 can also be operated by supplying a voltage at the VDD pin greater than the
internally regulated voltage. This will turn off the internal linear regulator of the IC and the FP7176 will
operate directly off the voltage supplied at the VDD pin. Please note that this external voltage at the
VDD pin should not exceed 8.5V.
Although the VIN pin of the FP7176 is rated up to 450V, the actual maximum voltage that can be
applied is limited by the power dissipation in the IC. For example, if an 8-pin SOIC (junction to ambient
thermal resistance Rθ,j-a = 128°C/ W) FP7176 draws about I
IN = 2.0mA from the VIN pin, and has a
maximum allowable temperature rise of the junction temperature limited to about ΔT = 100°C, the
maximum voltage at the VIN pin would be:
V
390
=
mA
2
1
×
W
/
C
128
C
100
=
I
1
×
R
T
Δ
=
V
o
o
in
a
j
,
θ
)
MAX
(
IN
In these cases, to operate the FP7176 from higher input voltages, a Zener diode can be added in
series with the VIN pin to divert some of the power loss from the FP7176 to the Zener diode. In the
above example, using a 100V Zener diode will allow the circuit to easily work up to 490V.The input
current drawn from the VIN pin is represented by the following equation:
S
G
IN
f
×
Q
+
mA
5
.
0
I
≈
In the above equation, fS is the switching frequency and QG is the GATE charge of the external
FET (which can be obtained from the datasheet of the FET).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com