Electronic Components Datasheet Search
  English  ▼

X  

MS51 Datasheet(PDF) 39 Page - Nuvoton Technology Corporation

Part # MS51
Description  8-bit Microcontroller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

MS51 Datasheet(HTML) 39 Page - Nuvoton Technology Corporation

Back Button MS51 Datasheet HTML 35Page - Nuvoton Technology Corporation MS51 Datasheet HTML 36Page - Nuvoton Technology Corporation MS51 Datasheet HTML 37Page - Nuvoton Technology Corporation MS51 Datasheet HTML 38Page - Nuvoton Technology Corporation MS51 Datasheet HTML 39Page - Nuvoton Technology Corporation MS51 Datasheet HTML 40Page - Nuvoton Technology Corporation MS51 Datasheet HTML 41Page - Nuvoton Technology Corporation MS51 Datasheet HTML 42Page - Nuvoton Technology Corporation MS51 Datasheet HTML 43Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
MS51
Jan. 29, 2019
Page 39 of 53
Rev 1.00
7.4 Analog Characteristics
7.4.1
Reset and Power Control Block Characteristics
The parameters in below table are derived from tests performed under ambient temperature.
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
IPOR
[*1]
POR operating current
10
20
µA
AVDD = 5.5V
ILVR
[*1]
LVR operating current
0.5
-
1
AVDD = 5.5V
IBOD
[*1]
BOD operating current
-
0.5
2.9
AVDD = 5.5V
VPOR
POR reset voltage
1
1.15
1.3
V
-
VLVR
LVR reset voltage
1.7
2.0
2.4
-
VBOD
BOD brown-out detect voltage
4.25
4.4
4.55
BOV[1:0] = [0,0]
3.55
3.7
3.85
BOV[1:0] = [0,1]
2.60
2.7
2.80
BOV[1:0] = [1,0]
2.10
2.2
2.30
BOV[1:0] = [1,1]
TLVR_SU
[*1]
LVR startup time
60
-
80
µs
-
TLVR_RE
[1]
LVR respond time
0.4
-
4
Fsys = HIRC@16MHz
180
-
350
Fsys = LIRC
TBOD_SU
[1]
BOD startup time
180
-
320
Fsys = HIRC@16MHz
TBOD_RE
[1]
BOD respond time
2.5
-
5
Fsys = HIRC@16MHz
Notes:
1. Guaranteed by characterization, not tested in production.
2. Design for specified applcaiton.
Table 7.4-1 Reset and power control unit
RVDDR
VPOR
VDD
Time
RVDDF
VLVR
VBOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com