Electronic Components Datasheet Search
  English  ▼

X  

MS51 Datasheet(PDF) 13 Page - Nuvoton Technology Corporation

Part # MS51
Description  8-bit Microcontroller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

MS51 Datasheet(HTML) 13 Page - Nuvoton Technology Corporation

Back Button MS51 Datasheet HTML 9Page - Nuvoton Technology Corporation MS51 Datasheet HTML 10Page - Nuvoton Technology Corporation MS51 Datasheet HTML 11Page - Nuvoton Technology Corporation MS51 Datasheet HTML 12Page - Nuvoton Technology Corporation MS51 Datasheet HTML 13Page - Nuvoton Technology Corporation MS51 Datasheet HTML 14Page - Nuvoton Technology Corporation MS51 Datasheet HTML 15Page - Nuvoton Technology Corporation MS51 Datasheet HTML 16Page - Nuvoton Technology Corporation MS51 Datasheet HTML 17Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
MS51
Jan. 29, 2019
Page 13 of 53
Rev 1.00
5
PIN CONFIGURATION
5.1 Pin Configuration
Users can find pin configuaration informations by using NuTool - PinConfigure. The NuTool -
PinConfigure contains all Nuvoton NuMicro
® Family chip series with all part number, and helps users
configure GPIO multi-function correctly and handily.
5.1.1
MS51 16K Series Multi Function Pin Diagram
SOP20 Package
5.1.1.1
Corresponding Part Number: MS51FB9AE
10
9
2
1
4
3
6
5
8
7
nRESET / P2.0
VSS
18
19
16
17
14
15
12
13
11
20
VDD
MS51FB9AE
[SDA] / UART1_TXD / ICPDA / OCDDA / P1.6
P1.3 / I2C0_SCL / [STADC]
P1.4 / I2C0_SDA / PWM0_BRAKE / PWM0_CH1
P1.1 / PWM0_CH1/ IC1 / ADC_CH7 /CLKO
P1.0 / PWM0_CH2 / IC2 / SPI0_CLK
P0.0 / PWM0_CH3 / IC3 / SPI0_MOSI / T1
P0.1 / PWM0_CH4 / IC4 / SPI0_MISO
P0.3 / PWM0_CH5 / IC5 / ADC_CH6
P0.4 / ADC_CH5 / STADC / PWM0_CH3 / IC3
UART0_TXD / ADC_CH3 / P0.6
UART0_RXD / ADC_CH2 / P0.7
INT0 / OSCIN / ADC_CH1 / P3.0
PWM0_CH5 / IC7 / SPI0_SS / P1.5
P0.2 / ICPCK / OCDCK / UART1_RXD / [SCL]
INT1 / ADC_CH0 / P1.7
PWM0_CH2 / IC6 / T0 / ADC_CH4 / P0.5
P1.2 / PWM0_CH0 / IC0
[ ] alternate function remapping , if the same alternate function is shown twice, it indicates an exclusive choice not a duplication of the function.
Figure 5.1-1 Pin Assignment of TSSOP-20 Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com