Electronic Components Datasheet Search
  English  ▼

X  

MS51 Datasheet(PDF) 20 Page - Nuvoton Technology Corporation

Part # MS51
Description  8-bit Microcontroller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

MS51 Datasheet(HTML) 20 Page - Nuvoton Technology Corporation

Back Button MS51 Datasheet HTML 16Page - Nuvoton Technology Corporation MS51 Datasheet HTML 17Page - Nuvoton Technology Corporation MS51 Datasheet HTML 18Page - Nuvoton Technology Corporation MS51 Datasheet HTML 19Page - Nuvoton Technology Corporation MS51 Datasheet HTML 20Page - Nuvoton Technology Corporation MS51 Datasheet HTML 21Page - Nuvoton Technology Corporation MS51 Datasheet HTML 22Page - Nuvoton Technology Corporation MS51 Datasheet HTML 23Page - Nuvoton Technology Corporation MS51 Datasheet HTML 24Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 53 page
background image
MS51
Jan. 29, 2019
Page 20 of 53
Rev 1.00
6.2 Peripheral Application scheme
MS51 Series
RS 232 Transceiver
ROUT
TIN
RIN
TOUT
PC COM Port
UART
UART_RXD
UART_TXD
DVCC
10 uF
nRESET
VDD
VSS
I
2C
Device
CLK
DIO
I2C_SDA
I2C_SCL
DVCC
DVCC
VDD
VSS
nRESET
ICE_DAT
ICE_CLK
VDD
VSS
SPI
Device
CS
CLK
MISO
SPI_SS
MOSI
SPI_CLK
SPI_MISO
SPI_MOSI
DVCC
10K
4.7K
4.7K
OCD
Interface
Reset
Circuit
Figure 6.2-1 NuMicro
® MS51 Peripheral interface circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com