Electronic Components Datasheet Search
  English  ▼

X  

MS51 Datasheet(PDF) 21 Page - Nuvoton Technology Corporation

Part # MS51
Description  8-bit Microcontroller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

MS51 Datasheet(HTML) 21 Page - Nuvoton Technology Corporation

Back Button MS51 Datasheet HTML 17Page - Nuvoton Technology Corporation MS51 Datasheet HTML 18Page - Nuvoton Technology Corporation MS51 Datasheet HTML 19Page - Nuvoton Technology Corporation MS51 Datasheet HTML 20Page - Nuvoton Technology Corporation MS51 Datasheet HTML 21Page - Nuvoton Technology Corporation MS51 Datasheet HTML 22Page - Nuvoton Technology Corporation MS51 Datasheet HTML 23Page - Nuvoton Technology Corporation MS51 Datasheet HTML 24Page - Nuvoton Technology Corporation MS51 Datasheet HTML 25Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
MS51
Jan. 29, 2019
Page 21 of 53
Rev 1.00
6.3 System Reset
The system reset can be issued by one of the events listed below. These reset event flags can be
read from several register to determine the reset source. Hardware reset sourcces are from peripheral
signals. Software reset can trigger reset through setting control registers.
Hardware Reset Sources
–
Power-on Reset (POR)
–
Low level on the nRESET pin
–
Watchdog Time-out Reset (WDT Reset)
–
Low Voltage Reset (LVR)
–
Brown-out Detector Reset (BOD Reset)
Software Reset Sources
–
CHIP Reset will reset whole chip by writing 1 to SWRST (CHPCON [7])
6.3.1
Hardware Reset Sources
Power-On Reset and Low Voltage Reset
6.3.1.1
The MS51 incorporates an internal power-on reset (POR) and a low voltage reset (LVR). During a
power-on process of rising power supply voltage VDD, the POR or LVR will hold the MCU in reset
mode when VDD is lower than the voltage reference thresholds. This design makes CPU not access
program flash while the VDD is not adequate performing the flash reading. If an undetermined
operating code is read from the program flash and executed, this will put CPU and even the whole
system in to an erroneous state. After a while, VDD rises above the threshold where the system can
work, the selected oscillator will start and then program code will execute from 0000H. At the same
time, a power-on flag POF (PCON.4) will be set 1 to indicate a cold reset, a power-on process
complete. Note that the contents of internal RAM will be undetermined after a power-on. It is
recommended that user gives initial values for the RAM block.
The POF is recommended to be cleared to 0 via software to check if a cold reset or warm reset
performed after the next reset occurs. If a cold reset caused by power off and on, POF will be set 1
again. If the reset is a warm reset caused by other reset sources, POF will remain 0. User may take a
different course to check other reset flags and deal with the warm reset event. For detailed electrical
characteristics, refer to the table 35-7 and 35-8.
PCON
– Power Control
7
6
5
4
3
2
1
0
SMOD
SMOD0
LPR
POF
GF1
GF0
PD
IDL
R/W
R/W
RW
R/W
R/W
R/W
R/W
R/W
Address: 87H, All pagessPOR reset value: 0001 000b, other reset value: 000U 0000b
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com