Electronic Components Datasheet Search
  English  ▼

X  

LNK320S Datasheet(PDF) 6 Page - Linkage Goston Electronics Co., LTD

Part # LNK320S
Description  HIgh-ElectronIc LED Constant stream drive chip
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKAGE [Linkage Goston Electronics Co., LTD]
Direct Link  http://www.linkage.cn/
Logo LINKAGE - Linkage Goston Electronics Co., LTD

LNK320S Datasheet(HTML) 6 Page - Linkage Goston Electronics Co., LTD

  LNK320S Datasheet HTML 1Page - Linkage Goston Electronics Co., LTD LNK320S Datasheet HTML 2Page - Linkage Goston Electronics Co., LTD LNK320S Datasheet HTML 3Page - Linkage Goston Electronics Co., LTD LNK320S Datasheet HTML 4Page - Linkage Goston Electronics Co., LTD LNK320S Datasheet HTML 5Page - Linkage Goston Electronics Co., LTD LNK320S Datasheet HTML 6Page - Linkage Goston Electronics Co., LTD LNK320S Datasheet HTML 7Page - Linkage Goston Electronics Co., LTD LNK320S Datasheet HTML 8Page - Linkage Goston Electronics Co., LTD LNK320S Datasheet HTML 9Page - Linkage Goston Electronics Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
高效 LED 恒流驱动芯片 QTOQIAV1.0
- 6 -
2、反激方案
输入输出采用花孔便于着锡。
整体布局铺铜(采用网格方式,0.5*0.8mm),有利于 PCB 板整体的散热能力。
主环路不包围 IC 周围器件。
变压器底部开口,有利于电感散热。
MOS 管底部打过孔且铺铜,有利于 MOS 管散热。
输出二极管周围铺铜,有利于二极管散热。
MOS 管散热
铺铜开槽,充分滤波
变压器
底部开
口散热
主环路
二极管散热
注:如需最新资料或技术支持,请与我们联系
sale@linkage.cn
业务电话:400-033-6518
www.linkage.cn
LNK320S



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com