Electronic Components Datasheet Search
  English  ▼

X  

LNK320S Datasheet(PDF) 8 Page - Linkage Goston Electronics Co., LTD

Part # LNK320S
Description  HIgh-ElectronIc LED Constant stream drive chip
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKAGE [Linkage Goston Electronics Co., LTD]
Direct Link  http://www.linkage.cn/
Logo LINKAGE - Linkage Goston Electronics Co., LTD

LNK320S Datasheet(HTML) 8 Page - Linkage Goston Electronics Co., LTD

  LNK320S Datasheet HTML 1Page - Linkage Goston Electronics Co., LTD LNK320S Datasheet HTML 2Page - Linkage Goston Electronics Co., LTD LNK320S Datasheet HTML 3Page - Linkage Goston Electronics Co., LTD LNK320S Datasheet HTML 4Page - Linkage Goston Electronics Co., LTD LNK320S Datasheet HTML 5Page - Linkage Goston Electronics Co., LTD LNK320S Datasheet HTML 6Page - Linkage Goston Electronics Co., LTD LNK320S Datasheet HTML 7Page - Linkage Goston Electronics Co., LTD LNK320S Datasheet HTML 8Page - Linkage Goston Electronics Co., LTD LNK320S Datasheet HTML 9Page - Linkage Goston Electronics Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
50~100V/300mA
高效 LED 恒流驱动芯片 QTOQIAV1.0
- 8 -
典型应用反激方案
单电压(180-265VAC)系统
原理图:
BOM 表:
位号
参数
位号
参数
位号
参数
F1
10R/1W
R3
100K/1206
E2
10uF/50V
D1
FR207
R4
16K/0805
E3
10uF/160V
D2
M7
R5、R6
510K/1206
C1
1nF/1000V
D3
RS1M
R7
22R/1206
Q1
2N65
D4-D7
M7
R8A-R8B
150K/1206
T1
EFD25(5+5)/1.15mH
R1A-R1C
1.91R/1206
R9
100K/1206
U1
R2
10R/1206
E1
22uF/400V
变压器参数:
注:如需最新资料或技术支持,请与我们联系
sale@linkage.cn
业务电话:400-033-6518
www.linkage.cn
LNK320S
LNK320S
LNK320S
LNK320S



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com