Electronic Components Datasheet Search
  English  ▼

X  

LNK320S Datasheet(PDF) 7 Page - Linkage Goston Electronics Co., LTD

Part # LNK320S
Description  HIgh-ElectronIc LED Constant stream drive chip
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKAGE [Linkage Goston Electronics Co., LTD]
Direct Link  http://www.linkage.cn/
Logo LINKAGE - Linkage Goston Electronics Co., LTD

LNK320S Datasheet(HTML) 7 Page - Linkage Goston Electronics Co., LTD

  LNK320S Datasheet HTML 1Page - Linkage Goston Electronics Co., LTD LNK320S Datasheet HTML 2Page - Linkage Goston Electronics Co., LTD LNK320S Datasheet HTML 3Page - Linkage Goston Electronics Co., LTD LNK320S Datasheet HTML 4Page - Linkage Goston Electronics Co., LTD LNK320S Datasheet HTML 5Page - Linkage Goston Electronics Co., LTD LNK320S Datasheet HTML 6Page - Linkage Goston Electronics Co., LTD LNK320S Datasheet HTML 7Page - Linkage Goston Electronics Co., LTD LNK320S Datasheet HTML 8Page - Linkage Goston Electronics Co., LTD LNK320S Datasheet HTML 9Page - Linkage Goston Electronics Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
高效 LED 恒流驱动芯片 QTOQIAV1.0
- 7 -
典型应用 BUCK 方案
50~100V/300mA 单电压(180~265Vac)系统
原理图
BOM 单
位号
参数
位号
参数
F1
10R/1W
R6、R7
1.5M /1206
D1
ES1J
E1
10uF/50V
D2
RS1M
E2
10uF/200V
D4-D7
M7
E3
15uF/400V
R1A、R1B
2R/1206
L1
EE13(4+4) /1.7mH
R2
10K /0805
Q1
2N60
R3
300K /1206
U1
R4
510K /1206
R5
20K /1206
变压器参数
注:如需最新资料或技术支持,请与我们联系
sale@linkage.cn
业务电话:400-033-6518
www.linkage.cn
LNK320S
LNK320S
LNK320S
LNK320S



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com