Electronic Components Datasheet Search
  English  ▼

X  

MSM6786 Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM6786
Description  1/3, 1/4 DUTY LCD DRIVER WITH 4-DOT COMMON DRIVER AND 29-DOT SEGMENT DRIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6786 Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM6786 Datasheet HTML 2Page - OKI electronic componets MSM6786 Datasheet HTML 3Page - OKI electronic componets MSM6786 Datasheet HTML 4Page - OKI electronic componets MSM6786 Datasheet HTML 5Page - OKI electronic componets MSM6786 Datasheet HTML 6Page - OKI electronic componets MSM6786 Datasheet HTML 7Page - OKI electronic componets MSM6786 Datasheet HTML 8Page - OKI electronic componets MSM6786 Datasheet HTML 9Page - OKI electronic componets MSM6786 Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
¡ Semiconductor
MSM6786
6/17
FEDL6786-03
Switching Characteristics
LOAD
tr
DATA I/O (When changing from input mode to output mode)
DATA I/O (When changing from output mode to input mode)
tWCP
tWCP
tf
0.8VDD
0.2VDD
1/fCP
0.8VDD
0.2VDD
tLC
tWLD
tCL
0.8VDD
tPD1
tPD1
0.8VDD
0.2VDD
0.2VDD
HiZ
tPD2
HiZ
0.8VDD
0.2VDD
tDSU tDHD
CLOCK
DATA I/O
(During input mode)
(The charging and discharging time during high impedance depends on trace resistance and stray capacitance.)
Parameter
Symbol
Condition
Min.
Max.
Unit
Clock Frequency
Clock Pulse Width
Rise/Fall Time
Data Setup Time
Data Hold Time
Load Pulse Width
ClockÆLoad Time
LoadÆClock Time
Output Delay Time 1
Output Delay Time 2
fCP
—
—
MHz
tWCP
tr,tf
tDSU
tDHD
tWLD
tCL
tLC
tPD1
tPD2
—
—
—
200
—
100
100
200
100
200
—
—
2.0
—
50
—
—
—
—
—
300
300
ns
ns
ns
ns
ns
ns
ns
ns
ns
—
—
—
—
CL=50pF
—
(VDD=5V±10%, Ta=–40 to +85°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com