Electronic Components Datasheet Search
  English  ▼

X  

MSM6786 Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM6786
Description  1/3, 1/4 DUTY LCD DRIVER WITH 4-DOT COMMON DRIVER AND 29-DOT SEGMENT DRIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6786 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM6786 Datasheet HTML 3Page - OKI electronic componets MSM6786 Datasheet HTML 4Page - OKI electronic componets MSM6786 Datasheet HTML 5Page - OKI electronic componets MSM6786 Datasheet HTML 6Page - OKI electronic componets MSM6786 Datasheet HTML 7Page - OKI electronic componets MSM6786 Datasheet HTML 8Page - OKI electronic componets MSM6786 Datasheet HTML 9Page - OKI electronic componets MSM6786 Datasheet HTML 10Page - OKI electronic componets MSM6786 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
¡ Semiconductor
MSM6786
7/17
FEDL6786-03
FUNCTIONAL DESCRIPTION
Pin Functional Description
OSC (Pin 50)
This is an input/output pin for the oscillator to generate LCD AC lighting and keyscan pulses.
Connect an external capacitor and resistor as shown below to form an RC oscillation circuit.
The relationship between frame frequency fFRM, keyscan period TSCN and oscillation frequency
fOSC is:
fFRM = fOSC/24, TSCN = 20/fOSC
DATA I/O (Pin 44)
This is a serial data input/output pin. The pin is in output state from the first shift clock rise after
key data output command writing, to the load pulse rise, and in input state otherwise. (The
pin is in input state during reset.)
The relationship between the data levels of this pin and the operations is shown below.
Level
Display
Key Status
"H"
ON
ON (close)
"L"
OFF
OFF (open)
CLOCK (Pin 43)
This is an input pin for the shift clock. DATA I/O pin data is either input or output in
synchroniza-tion with each rising clock edge.
LOAD (Pin 42)
This is a load pulse input pin used to transfer serial input data to a latch for display, to write
commands, or to release the DATA I/O pin in output state.
CO
OSC
RO
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com