Electronic Components Datasheet Search
  English  ▼

X  

MSM6786 Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM6786
Description  1/3, 1/4 DUTY LCD DRIVER WITH 4-DOT COMMON DRIVER AND 29-DOT SEGMENT DRIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6786 Datasheet(HTML) 1 Page - OKI electronic componets

  MSM6786 Datasheet HTML 1Page - OKI electronic componets MSM6786 Datasheet HTML 2Page - OKI electronic componets MSM6786 Datasheet HTML 3Page - OKI electronic componets MSM6786 Datasheet HTML 4Page - OKI electronic componets MSM6786 Datasheet HTML 5Page - OKI electronic componets MSM6786 Datasheet HTML 6Page - OKI electronic componets MSM6786 Datasheet HTML 7Page - OKI electronic componets MSM6786 Datasheet HTML 8Page - OKI electronic componets MSM6786 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
¡ Semiconductor
MSM6786
1/17
FEDL6786-03
¡ Semiconductor
MSM6786
1/3, 1/4 DUTY LCD DRIVER WITH 4-DOT COMMON DRIVER AND 29-DOT SEGMENT DRIVER
GENERAL DESCRIPTION
The MSM6786 is a dynamic display LCD driver and can be switched to 1/3 or 1/4 duty. It can
dis-play up to 116 segments with 1/4 duty and up to 87 segments with 1/3 duty. It can also drive
one LED directly. The built-in 5¥6 key circuit allows input through a keyboard, and minimizes
the number of wires between the front panel and CPU.
FEATURES
• Power suppy voltage
: 5V
±10%
• Operating temperature
: –40 to +85
°C
• 29-output segment driver
1/4 duty dynamic drive
: Up to 116 segments can be displayed
1/3 duty dynamic drive
: Up to 87 segments can be displayed
• One LED can be driven directly (IO=–15mA max)
• Built-in 5¥6 key scan circuit allows reading of the operation status of up to 30 switches.
• Interface with CPU is implemented by LOAD, DATA I/O and CLOCK in serial method.
• Built-in RC oscillator for LCD AC drive
• Built-in voltage dividing resistor for bias voltage generation
• Package:
56-pin plastic QFP (QFP56-P-910-0.65-2K) (Product name : MSM6786GS-2K)
FEDL6786-03
This version: Sep. 2000
Previous version: Nov. 1997


Similar Part No. - MSM6786

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6782-01 OKI-MSM6782-01 Datasheet
88Kb / 17P
REAL TIME CLOCK
MSM6789 OKI-MSM6789 Datasheet
813Kb / 53P
SBC Solid-State Recorder IC
MSM6789A OKI-MSM6789A Datasheet
813Kb / 53P
SBC Solid-State Recorder IC
MSM6789L OKI-MSM6789L Datasheet
813Kb / 53P
SBC Solid-State Recorder IC
More results

Similar Description - MSM6786

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9040 OKI-ML9040 Datasheet
434Kb / 47P
DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
MSM6222B OKI-MSM6222B Datasheet
390Kb / 45P
DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
MSM6665C OKI-MSM6665C Datasheet
499Kb / 31P
DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM6775 OKI-MSM6775 Datasheet
113Kb / 13P
1/3, 1/4, 1/5 DUTY LCD DRIVER WITH 5-DOT COMMON DRIVER AND 80-DOT
MSM9004-01 OKI-MSM9004-01 Datasheet
117Kb / 15P
1/3, 1/4 DUTY LCD DRIVER WITH 4-DOT COMMON DRIVER AND 49-DOT SEGMENT DRIVER
MSM9004-03 OKI-MSM9004-03 Datasheet
114Kb / 15P
1/4 DUTY LCD DRIVER WITH 4-DOT COMMON DRIVER AND 50-DOT SEGMENT DRIVER
MSM9005 OKI-MSM9005 Datasheet
296Kb / 30P
DOT MATRIX LCD CONTROLLER WITH 8-DOT COMMON DRIVER AND 65-DOT SEGMENT DRIVER
MSM6555B-XX OKI-MSM6555B-XX Datasheet
208Kb / 27P
DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM6660-01 OKI-MSM6660-01 Datasheet
167Kb / 18P
1/2, 1/3 DUTY LCD DRIVER WITH 3-DOT COMMON DRIVER AND 62-DOT SEGMENT DRIVER
ML9040A OKI-ML9040A Datasheet
435Kb / 49P
DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com