Electronic Components Datasheet Search
  English  ▼

X  

MSM6786 Datasheet(PDF) 11 Page - OKI electronic componets

Part # MSM6786
Description  1/3, 1/4 DUTY LCD DRIVER WITH 4-DOT COMMON DRIVER AND 29-DOT SEGMENT DRIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6786 Datasheet(HTML) 11 Page - OKI electronic componets

Back Button MSM6786 Datasheet HTML 7Page - OKI electronic componets MSM6786 Datasheet HTML 8Page - OKI electronic componets MSM6786 Datasheet HTML 9Page - OKI electronic componets MSM6786 Datasheet HTML 10Page - OKI electronic componets MSM6786 Datasheet HTML 11Page - OKI electronic componets MSM6786 Datasheet HTML 12Page - OKI electronic componets MSM6786 Datasheet HTML 13Page - OKI electronic componets MSM6786 Datasheet HTML 14Page - OKI electronic componets MSM6786 Datasheet HTML 15Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
¡ Semiconductor
MSM6786
11/17
FEDL6786-03
R0
R1
R2
R3
R4
Scan Start Command Write
or Key Status Changed
TSCN
Data Read
Data Read
Data Read
Scan Stop Command
Write
INT
Keyscan
Keyscan starts when the key state is changed or when the "Keyscan Start" command is written.
Scan continues until the "Keyscan Stop" command is written. (When powered on, the power-
ON reset sets at scan stop state.)
When 1 keyscan cycle (TSCN) ends, the INT signal becomes "H", so this signal can be used as an
interrupt flag, which is dependent on switching conditions of keys. The INT signal is reset when
either the LOAD pulse is input after key data is output, when the "Keyscan Stop" command is
set, or when a reset signal is applied.
Notes : 1. A recognition error may occur if 3 or more key switches are pressed at the same time.
(A switch that was not pressed is recognized as being pressed.) To properly
recognize 3 or more key switches as being pressed at the same time, serially insert
diodes at each switch. In order not to recognize 3 or more key switches as being
pressed at the same time, a possible approach is to program the software so that the
read data will be ignored when there are 3 or more ones in the data.
The device recognizes simultaneous pressing of 2 key switches. However, take Note
2 into consideration.
2. A change of key state is detected as a change in column input (C0 - C5). Therefore
even if multiple switches connected to the same column are pressed at the same time,
nothing will be detected as a change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com