Electronic Components Datasheet Search
  English  ▼

X  

S50HT Datasheet(PDF) 5 Page - Pentair plc. All rights reserved.

Part # S50HT
Description  Submersible High Temperature Effluent Pumps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

S50HT Datasheet(HTML) 5 Page - Pentair plc. All rights reserved.

  S50HT Datasheet HTML 1Page - Pentair plc. All rights reserved. S50HT Datasheet HTML 2Page - Pentair plc. All rights reserved. S50HT Datasheet HTML 3Page - Pentair plc. All rights reserved. S50HT Datasheet HTML 4Page - Pentair plc. All rights reserved. S50HT Datasheet HTML 5Page - Pentair plc. All rights reserved. S50HT Datasheet HTML 6Page - Pentair plc. All rights reserved. S50HT Datasheet HTML 7Page - Pentair plc. All rights reserved. S50HT Datasheet HTML 8Page - Pentair plc. All rights reserved. S50HT Datasheet HTML 9Page - Pentair plc. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
411 0895 EC3
1
2
4
5
6
7
13
14
6
15A
15B
16
17
3
8
9
10
11
12
S40HT SERIES EXPLODED VIEW
• Not Illustrated.
REPAIR PARTS LIST
Key
No.
Part
Description
Qty.
S40HT-11P
1/3 HP 115 V
S40HT-11
1/3 HP 115 V
1
Power Cord
1
PW117-226-TSE
PW117-106-TSE
2
Cord Connector
1
PS17-46P
—
3
Handle Ring
1
U97-128
U97-128
4
1/4" NPT Plug
1
U78-57DT
U78-57DT
5
Upper Motor Housing
1
PW18-22F
PW18-22
6
#10-32 x 3/4" Capscrew
6
U30-482SS
U30-482SS
7
Insulating Disk
1
PS18-82
PS18-82
8
#10-32 x 3-1/8" Capscrew
2
U30-949ZP
U30-949ZP
9
Rotor/Stator Assembly
1
PS218-151
PS218-151
10
Switch Cord Clamp*
1
CC0030-13
—
11
#8-32 x 1/2” Capscrew*
1
U30-539SS
—
12
Automatic Float Switch*
1
PW217-25
—
13
O-Ring
1
U9-339
U9-339
14
Lower Motor Housing
1
PW18-23AA
PW18-23AA
15A
Shaft Seal Stationary Head
Assembly
1
U9-379A
U9-379A
15B
Shaft Seal Rotating
Mating Ring
1
U9-321A
U9-321A
16
Impeller
1
PW5-5
PW5-5
17
Volute
1
PW1-4
PW1-4
•
Dielectric Oil
1
U197-8A
U197-8A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com