Electronic Components Datasheet Search
  English  ▼

X  

FS98O251 Datasheet(PDF) 39 Page - Fortune Semiconductor Corp.

Part # FS98O251
Description  8-bit MCU with 8k program EPROM, 256-byte RAM
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS98O251 Datasheet(HTML) 39 Page - Fortune Semiconductor Corp.

Back Button FS98O251 Datasheet HTML 35Page - Fortune Semiconductor Corp. FS98O251 Datasheet HTML 36Page - Fortune Semiconductor Corp. FS98O251 Datasheet HTML 37Page - Fortune Semiconductor Corp. FS98O251 Datasheet HTML 38Page - Fortune Semiconductor Corp. FS98O251 Datasheet HTML 39Page - Fortune Semiconductor Corp. FS98O251 Datasheet HTML 40Page - Fortune Semiconductor Corp. FS98O251 Datasheet HTML 41Page - Fortune Semiconductor Corp. FS98O251 Datasheet HTML 42Page - Fortune Semiconductor Corp. FS98O251 Datasheet HTML 43Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 142 page
background image
FS98O25
Rev. 1.6
39/142
5.
Clock System
Table 5-1 FS98O25 clock system register table
Address
Name
Referenced
Section
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
Power on
Reset
14H
MCK
5
M7_CK M6_CK M5_CK
M3_CK M2_CK M1_CK M0_CK
00000000
15H
PCK
4/5/7.5/10
ENPUMP
S_CH1CK [1:0] S_BEEP S_PCK
00000000
Figure 5-1 FS98O25 clock system function block
The clock system provides clock signals for the following 7 function blocks: Voltage Doubler, ADC, CPU core,
OPAMP
, Buzzer, Timer module and LCD. Users could use 10 register flags to generate all kinds of clock
signals for the above 7 function blocks. These 10 register flags are M0_CK, M1_CK, M2_CK, M3_CK, M5_CK,
M6_CK, M7_CK, S_PCK, S_CH1CK[1:0] and S_BEEP. The detailed setup will be illustrated in following
sections. Please see Figure 5-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com