Electronic Components Datasheet Search
  English  ▼

X  

FS98O251 Datasheet(PDF) 81 Page - Fortune Semiconductor Corp.

Part # FS98O251
Description  8-bit MCU with 8k program EPROM, 256-byte RAM
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS98O251 Datasheet(HTML) 81 Page - Fortune Semiconductor Corp.

Back Button FS98O251 Datasheet HTML 77Page - Fortune Semiconductor Corp. FS98O251 Datasheet HTML 78Page - Fortune Semiconductor Corp. FS98O251 Datasheet HTML 79Page - Fortune Semiconductor Corp. FS98O251 Datasheet HTML 80Page - Fortune Semiconductor Corp. FS98O251 Datasheet HTML 81Page - Fortune Semiconductor Corp. FS98O251 Datasheet HTML 82Page - Fortune Semiconductor Corp. FS98O251 Datasheet HTML 83Page - Fortune Semiconductor Corp. FS98O251 Datasheet HTML 84Page - Fortune Semiconductor Corp. FS98O251 Datasheet HTML 85Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 142 page
background image
FS98O25
Rev. 1.6
81/142
7.6.
Digital I/O Port or Buzzer Output : PT2[7]
Figure 7-6 PT2[7] function block
GPIO Port 2 Bit2 (PT2[2]) function block is shown in Figure 7-6. The main function of the GPIO is input and
output data between the Data bus and the ports. Users could control the PT2EN[2] register flags to decide the
input output direction. The input and output function and the related functions are explained as follows:
Input:
GPIO Port 2 Bit2 (PT1[2]) could be the Buzzer output port or be the general I/O port. User should setup
BZEN register flag to decide if the Buzzer output is enabled. The detailed Buzzer usage is described in
Section 5.4.
Output
FS98O25 sends the digital data out by an embedded D Flip Flop. When the program sends data out
through PT2, the data will be sent to data bus first, and then the D Flip Flop will latch the signal for PT2
output while the Write signal and AR (FS98O25 internal device address pointer) is pointed to PT2.
Pull up resistor
FS98O25 embeds an internal pull up resistor function in PT2 with about 1000k ohm resistor
20. User could
control the PT2PU[2] register flags to set the connection to pull up resistor. When a port is connected to
the pull up resistor, the input data is, by default, assigned to high (data 1).
20 The pull up current is about 10uA. Remember to disable PT1PU before program falls into Sleep mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com