Electronic Components Datasheet Search
  English  ▼

X  

FS98O251 Datasheet(PDF) 21 Page - Fortune Semiconductor Corp.

Part # FS98O251
Description  8-bit MCU with 8k program EPROM, 256-byte RAM
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS98O251 Datasheet(HTML) 21 Page - Fortune Semiconductor Corp.

Back Button FS98O251 Datasheet HTML 17Page - Fortune Semiconductor Corp. FS98O251 Datasheet HTML 18Page - Fortune Semiconductor Corp. FS98O251 Datasheet HTML 19Page - Fortune Semiconductor Corp. FS98O251 Datasheet HTML 20Page - Fortune Semiconductor Corp. FS98O251 Datasheet HTML 21Page - Fortune Semiconductor Corp. FS98O251 Datasheet HTML 22Page - Fortune Semiconductor Corp. FS98O251 Datasheet HTML 23Page - Fortune Semiconductor Corp. FS98O251 Datasheet HTML 24Page - Fortune Semiconductor Corp. FS98O251 Datasheet HTML 25Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 142 page
background image
FS98O25
Rev. 1.6
21/142
3.
Memory Organization
3.1.
Program Memory Structure
FS98O25 has an 13bits Program Counter which is capable of addressing a 8k x 16bits program memory space
and a 8 level depth 13bits Stack Register. The Start up/Reset Vector is at 0x0000H. When FS98O25 is started
or its program is reset, the Program Counter will point to Reset Vector. The Interrupt Vector is at 0x0004H. No
matter what ISR is processed, the Program Counter will point to Interrupt Vector. Please see Figure 3-1.
Figure 3-1 FS98O25 program memory structure
3.2.
Data Memory Structure
FS98O25 has a 384-byte Data Memory. The data memory is partitioned into three parts. The area with address
00h~07h is reserved for system special registers, such as indirect address, indirect address pointer, status
register, working register, interrupt flag, interrupt control register. The address 08h~7Fh areas are peripheral
special registers, such as I/O ports, timer, ADC, signal conditional network control register, LCD driver. The
address 80h~17Fh areas are general data memory. Please see Table 3-1.
Table 3-1 FS98O25 Data memory structure
Start Address
End Address
Data Memory
0X00H
0X07H
System Special Registers
0X08H
0X7FH
Peripheral Special Registers
0X80H
0X17FH
General Data Memory(256 bytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com